Electronic Components Datasheet Search
  English  ▼

X  

FC-13 Datasheet(PDF) 59 Page - ABB

Part # FC-13
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-13 Datasheet(HTML) 59 Page - ABB

Back Button FC-13 Datasheet HTML 55Page - ABB FC-13 Datasheet HTML 56Page - ABB FC-13 Datasheet HTML 57Page - ABB FC-13 Datasheet HTML 58Page - ABB FC-13 Datasheet HTML 59Page - ABB FC-13 Datasheet HTML 60Page - ABB FC-13 Datasheet HTML 61Page - ABB FC-13 Datasheet HTML 62Page - ABB FC-13 Datasheet HTML 63Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
9
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 9/5
Suspension
Type MM, NM, MM-AH, NM-AH, MM-AV & NM-AV
Ø
NM
NM
MM
MM
B
B
A
A
C
MM65
Ø
C
MM65-AH153
T
A
B
MM-AH
NM-AH
MM65-AH153
T
A
B
MM-AH
NM-AH
T
A
B
MM65-AV155
NM-AV
MM-AV
Suspension clip for perforated band
Part no. ABB order code
Ø (mm)
A (mm)
B (mm)
C (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
MM-65
7TCA084030R1504 6.5
28
20
6.3
90
F8+
100
NM-65
7TCA084030R1605 6.5
28
42
6.3
90
F8+
100
Girder clips for perforated band
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
MM65-AH153
7TCA084030R1509 1.5-3
6.3
36
72
F8+
25
MM65-AH38
7TCA084030R1511
3-8
6.3
38
90
F8+
25
MM65-AH814
7TCA084030R1513
8-14
6.3
46
90
F8+
25
MM65-AH1420 7TCA084030R1507 14-20
6.3
58
90
F8+
25
NM65-AH153
7TCA084030R1608 1.5-3
6.3
58
72
F8+
25
NM65-AH38
7TCA084030R1610
3-8
6.3
60
90
F8+
25
NM65-AH814
7TCA084030R1612
8-14
6.3
68
90
F8+
25
NM65-AH1420
7TCA084030R1917
14-20
6.3
80
90
F8+
25
Purlin clips for perforated band
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
MM65-AV155
7TCA084030R1515
1.5-4
6.3
62
72
F8+
25
MM65-AV57
7TCA084030R1916
4.5-7
6.3
62
72
F8+
25
NM65-AV155
7TCA084030R1614
1.5-4
6.3
84
72
F8+
25
NM65-AV57
7TCA084030R1933 4.5-7
6.3
84
72
F8+
25
Ø
NM
NM
MM
MM
B
B
A
A
C
MM65
Ø
C
T
A
B
MM65-AV155
NM-AV
MM-AV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com