Electronic Components Datasheet Search
  English  ▼

X  

M1614-MP2 Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M1614-MP2
Description  f=16mm F1.4 for 2/3 type Megapixel Cameras C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M1614-MP2 Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M1614-MP2 Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M1614-MP2
f=16mm F1.4
for 2/3 type Megapixel Cameras
C-Mount
Model No.
M1614-MP2
Effective
Front
φ18.5mm
Focal Length
16mm
Lens Aperture
Rear
φ13.2mm
Max. Aperture Ratio
1:1.4
Distortion
2/3type
-0.1%(y=5.5)
Max. Image Format
8.8mm x 6.6mm(φ11mm)
1/2type
-0.3%(y=4.0)
Operation Range
Iris
F1.4‐ F16C
Back Focal Length
13.1mm
Focus
0.3m ‐ Inf.
Flange Back Length
17.526mm
Control
Iris
Manual
Mount
C-Mount
Focus
Manual
Filter Size
M30.5 P=0.5mm
Object Dimension
2/3 type
17.2cm x 12.9cm
Dimensions
at M.O.D
1/2 type
12.5cm x 9.3cm
Weight
60g
Angle of View
D
2/3 type
38.0°
1/2 type
28.2°
H
30.8°
22.7°
V
23.4°
17.1°
Operating Temperature
Dimensions
-10℃ ‐ +50℃
φ33.5mm x 28.2mm
M.O.D : Minimum Object Distance
(IN AIR)
4
6.2 3.3
17.526
6.3
28.2
12
(0.9)
(0.4)
M30.5 P=0.5
1-32UNF
Index Ring
Focus Ring
Iris Ring
Specification is subject to change without any notice.
2009.04


Similar Part No. - M1614-MP2

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M1614-SW COMPUTAR-M1614-SW Datasheet
97Kb / 1P
f=16mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
2015.02
M1614-VSW COMPUTAR-M1614-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M1614-VSW COMPUTAR-M1614-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M1614-MP2

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
Sony Corporation
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
OmniVision Technologies...
OV02640-VL9A OMNIVISION-OV02640-VL9A Datasheet
186Kb / 2P
smallest 2 megapixel CameraChip
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
LED Panel Mount Indicators for 16mm Mounting Hole
logo
OmniVision Technologies...
OV20880-4C OMNIVISION-OV20880-4C Datasheet
800Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Front-Facing Cameras
logo
Mallory Sonalert Produc...
SCFM16 MSPI-SCFM16 Datasheet
29Kb / 1P
Flush Mount - 16mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com