Electronic Components Datasheet Search
  English  ▼

X  

M3514-MP Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M3514-MP
Description  f=35mm F1.4 for 2 / 3 type Megapixel Cameras C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M3514-MP Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M3514-MP Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CBCGROUP
f=35mm F1.4
for 2/3 type Megapixel Cameras
C-Mount
Model No.
M3514-MP
Focal Length
35mm
Max. Aperture Ratio
1:1.4
M3514-MP
Effective
Front
Lens Aperture
Rear
Distortion
2/3 type
Max. Image Format
8.8mm x 6.6mm( ¢ 11 mm)
1/2 type
Operation Range
Iris
F1.4 - F16C
Back Focal Length
Focus
0.3m - Inf.
Flange Back Length
Control
Iris
Manual
Mount
Focus
Manual
Filter Size
Object Dimension
2/3 type
8.1cm x 6cm
Dimensions
at M.O.D
1/2 type
5.9cm x 4.4cm
Weight
Angle of View
D
2/3 type
17.3
°
1/2 type
12.6
°
H
13.9
°
10.1
°
V
10.4
°
7.6
°
Operating Temperature
-1 0
°c -
+so0c
Dimensions
Index Ring
Focus Ring
M30. 5 P=O. 5
¢24mm
¢12mm
-0.8%(y=5.5)
-0.39%(y=4.0)
17.1mm
17.526mm
C-Mount
M30.5 P=0.5mm
¢33.5mm x 38.2mm
87g
M.O.D : Minimum Object Distance
Iris Ring
17. 526
(!NAIR)
1-32UNF
N
M
-e.
Specifications are subject to change without notice.
c omputar.com © 2008 CBC [AMERICA] Corp. All Rights Reserved. 05/08 [2008.05)


Similar Part No. - M3514-MP

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M3514-SW COMPUTAR-M3514-SW Datasheet
98Kb / 1P
f=35mm F1.4 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
2015.02
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M3514-VSW COMPUTAR-M3514-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M3514-MP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX083AL SONY-ICX083AL Datasheet
233Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR Black-and-White Video Cameras
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
logo
Micron Technology
MT9T031 MICRON-MT9T031 Datasheet
446Kb / 2P
3-Megapixel CMOS Digital Image Sensor for Wide FOV and Electronic Pan/Tilt Cameras
logo
Sony Corporation
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
logo
Actel Corporation
8635-313-0-00 ACTEL-8635-313-0-00 Datasheet
319Kb / 1P
Z-LOK BGA SURFACE MOUNT SOCKET 35MM, 313LD, 1.27 C/C
logo
OmniVision Technologies...
OV02640-VL9A OMNIVISION-OV02640-VL9A Datasheet
186Kb / 2P
smallest 2 megapixel CameraChip
logo
Cooper Bussmann, Inc.
15188-3-R-S COOPER-15188-3-R-S Datasheet
130Kb / 1P
Disconnect terminal blocks for 35mm DIN rail mount.
logo
OmniVision Technologies...
OV20880-4C OMNIVISION-OV20880-4C Datasheet
800Kb / 2P
20-Megapixel Second-Generation 1.0-Micron PureCel짰Plus-S Sensor for Front-Facing Cameras
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com