Electronic Components Datasheet Search
  English  ▼

X  

MF50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MF50
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MF50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MF50 Datasheet HTML 1Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 2Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 3Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 4Page - List of Unclassifed Manufacturers MF50 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MF12, MF25 & MF50 Series
Metal Film Resistors
Page 1
10/05/05 V1.0
Materials and Features:
• EIA standard colour-coding.
• Low noise and voltage coefficient.
• Low temperature coefficient range.
• Nichrome resistor element provides stable performance in various environments.
• Multiple epoxy coating on vacuum-deposited metal film provides superior moisture protection.
Dimension:
Style
Power Rating
at 70°C
(W)
D Maximum
L Maximum
H±3
MF 12
0.125
1.85
3.5
0.
45
28.0
MF 25
0.25
2.5
6.8
0.
54
MF 50
0.5
3.5
10.0
+0.02
-0.05
d
Dimensions : Millimetres
General Specification
Style
Dielectric
withstanding
voltage (V)
Maximum
working
voltage (V)
Maximum
overload
voltage (V)
Resistance
Tolerance
Temperature
Coefficient
Resistance
Range
MF 12
400
200
400
±1%
±50ppm/°C
1
Ω to 1MΩ
MF 25
500
250
500
MF 50
700
350
700
Dimensions : Millimetres
Supplied bandoliered on tape (Box = 5000 pcs. for MF12 and MF25 Series)
(Box = 1000 pcs. for MF50 Series).


Similar Part No. - MF50

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
logo
Multicomp Pro
MF50 MULTICOMP-MF50 Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF50 100K MULTICOMP-MF50 100K Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF50 100K. MULTICOMP-MF50 100K. Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF50 100R MULTICOMP-MF50 100R Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
More results

Similar Description - MF50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
Metal Film Resistors
28-Aug-06
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
METAL FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
Metal Film Resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
Metal Film Resistors
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
Metal film resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com