Electronic Components Datasheet Search
  English  ▼

X  

F124MB Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # F124MB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

F124MB Datasheet(HTML) 2 Page - fujitsu semiconductor

  F124MB Datasheet HTML 1Page - fujitsu semiconductor F124MB Datasheet HTML 2Page - fujitsu semiconductor F124MB Datasheet HTML 3Page - fujitsu semiconductor F124MB Datasheet HTML 4Page - fujitsu semiconductor F124MB Datasheet HTML 5Page - fujitsu semiconductor F124MB Datasheet HTML 6Page - fujitsu semiconductor F124MB Datasheet HTML 7Page - fujitsu semiconductor F124MB Datasheet HTML 8Page - fujitsu semiconductor F124MB Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
MB95120MB Series
2
(Continued)
• Timebase timer
× 1 channel
• Watch prescaler
× 1 channel
• LIN-UART × 1 channel
• LIN function, clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• UART/SIO × 1 channel
• Clock asynchronous (UART) or clock synchronous (SIO) serial data transfer capable
• Full duplex double buffer
• I2C* × 1 channel
• Built-in wake-up function
• External interrupt × 12 channels
• Interrupt by edge detection (rising, falling, or both edges can be selected)
• Can be used to recover from low-power consumption (standby) modes.
• 8/10-bit A/D converter × 12 channels
• 8-bit or 10-bit resolution can be selected
• LCD controller (LCDC)
• 40 SEG
× 4 COM (Max 160 pixels)
• With blinking function
• Low-power consumption (standby) mode
• Stop mode
• Sleep mode
• Watch mode
• Timebase timer mode
• I/O port
• The number of maximum ports : Max 87
• Port configuration
• General-purpose I/O ports (N-ch open drain)
: 2 ports
• General-purpose I/O ports (CMOS)
: 85 ports
• Programmable input voltage levels of port
Automotive input level
/ CMOS input level / hysteresis input level
• Dual operation Flash memory
• Erase/write and read can be executed in the different bank (Upper Bank/Lower Bank) at the same time.
• Flash memory security function
Protects the content of Flash memory (Flash memory device only)
* :
Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com