Electronic Components Datasheet Search
  English  ▼

X  

F124JB Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # F124JB
Description  8-bit Microcontrollers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

F124JB Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button F124JB Datasheet HTML 69Page - fujitsu semiconductor F124JB Datasheet HTML 70Page - fujitsu semiconductor F124JB Datasheet HTML 71Page - fujitsu semiconductor F124JB Datasheet HTML 72Page - fujitsu semiconductor F124JB Datasheet HTML 73Page - fujitsu semiconductor F124JB Datasheet HTML 74Page - fujitsu semiconductor F124JB Datasheet HTML 75Page - fujitsu semiconductor F124JB Datasheet HTML 76Page - fujitsu semiconductor F124JB Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
MB95120MB Series
73
• Output voltage
• Pull-up
(VCC-VOH1)
− IOH
TA
= + 25 °C
(VCC-VOH2)
− IOH
TA
= + 25 °C
VOL1
− IOL1
TA
= + 25 °C
VOL2
− IOL2
TA
= + 25 °C
0.0
0.2
0.4
0.6
0.8
1.0
−10
−8
−6
−4
−2
0
IOH [mA]
VCC
= 2.45 V
VCC
= 4.5 V
VCC
= 5 V
VCC
= 5.5V
VCC
= 4 V
0.0
0.2
0.4
0.6
0.8
1.0
−10
−8
−6
−4
−2
0
IOH [mA]
VCC
= 2.45 V
VCC
= 2.7 V
VCC
= 3 V
VCC
= 2.5 V
VCC
= 3.3 V
VCC
= 3.5 V
VCC
= 4 V
VCC
= 4.5 V
VCC
= 5 V
VCC
= 5.5 V
0.0
0.2
0.4
0.6
0.8
1.0
0
246
8
10
IOL1 [mA]
VCC
= 2.45 V
VCC
= 2.5 V
VCC
= 4 V
VCC
= 3.5 V
VCC
= 3.3 V
VCC
= 4.5 V
VCC
= 5 V
VCC
= 5.5V
0.0
0.2
0.4
0.6
0.8
1.0
0.0
2.5
5.0
7.5
10.0
12.5
15.0
IOL2 [mA]
VCC
= 2.45 V
VCC
= 2.7 V
VCC
= 3 V
VCC
= 2.5 V
VCC
= 3.3 V
VCC
= 3.5 V
VCC
= 4 V
VCC
= 4.5 V
VCC
= 5 V
VCC
= 5.5 V
RPULL
− VCC
TA
= + 25 °C
0
50
100
150
200
250
2
3
45
6
VCC [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com