Electronic Components Datasheet Search
  English  ▼

X  

DL-LS6002 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DL-LS6002
Description  980 nm LASER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-LS6002 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DL-LS6002 Datasheet HTML 1Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DL-LS6002
980 nm LASER DIODE
Features
• Wavelength : 980 nm (Typ.)
• Light output : 100 mW CW
• Low threshold current : Ith = 15 mA (Typ.)
• Small aspect ratio : 2.5 (Typ.)
Absolute Maximum Ratings
Electrical and Optical Characteristics
Tottori SANYO Electric Co., Ltd.
LED Division
5-318, Tachikawa, Tottori 680-8634 Japan
TEL : +81-857-21-2137 FAX : +81-857-21-2161
Ver.1 July. 2002
Note : The above product specification are subject to change without notice.
Parameter
Light Output
Reverse
Voltage
2
30
Symbol
Ratings
Unit
VR
V
mW
Operating Temperature
Storage Temperature
-10 to +70
-40 to +85
Topr
Tstg
°C
°C
Laser
PD
CW
Po
120
1) Initial values
2) All the above values are evaluated with Tottori Sanyo's measuring apparatus
3) Full angle at half maximum
(Tc=25°C)
Parameter
Threshold Current
Operating Current
Lasing Wavelength
Symbol
Ith
Iop
Lp
Condition
Po=100mW
Po=100mW
Min.
-
-
970
Typ.
15
130
980
Max.
25
160
990
Unit
mA
mA
nm
Beam
Divergence
Perpendicular
Parallel
Differential Efficiency
Monitoring Output Current
Off Axis
Angle
Qv
Qh
dQv
dQh
dPo/dIop
Im
Po=100mW
Po=100mW
Po=100mW
18
7
-
-
23
9
-
0.9
-
28
11
± 3
± 3
-
°
°
°
°
mW/mA
mA
3)
-
-
-
-
CW
Operating Voltage
Vop
Po=100mW
-
1.8
2.2
V
-
(Tc=25°C)
Perpendicular
Parallel
-
-
Applications
• Erbium-doped fiber amplifiers
• Free space optical communications
1) 2)
Package
3
1
PD
LD
2
Pin Connection
1
ø1.6
ø3.55± 0.1
ø4.4
ø5.6 - 0.025
Top view
1.0± 0.1
Effective window diameter 1.0min.
2
3
ø2.0
Pin No.
ø1.4max.
LD facet
3 -
ø0.45± 0.1
1
3
2
Tolerance : ± 0.2
(Unit : mm)
0
Tentative


Similar Part No. - DL-LS6002

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS1018 SANYO-DL-LS1018 Datasheet
21Kb / 2P
RED LASER DIODE
DL-LS1030 SANYO-DL-LS1030 Datasheet
25Kb / 1P
RED LASER DIODE
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
RED LASER DIODE
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
RED LASER DIODE
DL-LS1035 SANYO-DL-LS1035 Datasheet
32Kb / 2P
RED LASER DIODE
More results

Similar Description - DL-LS6002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCE-6E8F-Z01 ETC-MCE-6E8F-Z01 Datasheet
75Kb / 2P
650 NM LASER DIODE
logo
OSRAM GmbH
SPLBG98-20S OSRAM-SPLBG98-20S Datasheet
126Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBG98-2S OSRAM-SPLBG98-2S Datasheet
187Kb / 4P
Un-mounted Laser Bars, 50% Fill-factor, 980 nm
SPLBX98-2S OSRAM-SPLBX98-2S Datasheet
126Kb / 4P
Unmounted Laser Bars, 30% Fill-Factor, 980 nm
logo
Unity Opto Technology
MCE-6E8F-Z02 UOT-MCE-6E8F-Z02 Datasheet
80Kb / 2P
650 nm LASER DIODE
MCE-6E8F-Z01 UOT-MCE-6E8F-Z01 Datasheet
76Kb / 2P
650 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
1310 nm LASER DIODE
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
1310 nm LASER DIODE
logo
Bookham, Inc.
LC93C-20 BOOKHAM-LC93C-20 Datasheet
169Kb / 4P
980 nm Pump Laser Module Unstabilised 100-220 mW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com