Electronic Components Datasheet Search
  English  ▼

X  

0700461908616 Datasheet(PDF) 3 Page - Pycom

Part # 0700461908616
Description  quadruple bearer MicroPython enabled development board (LoRa, Sigfox, WiFi, Bluetooth) – perfect enterprise grade IoT platform for your connected Things.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908616 Datasheet(HTML) 3 Page - Pycom

  0700461908616 Datasheet HTML 1Page - Pycom 0700461908616 Datasheet HTML 2Page - Pycom 0700461908616 Datasheet HTML 3Page - Pycom 0700461908616 Datasheet HTML 4Page - Pycom 0700461908616 Datasheet HTML 5Page - Pycom 0700461908616 Datasheet HTML 6Page - Pycom 0700461908616 Datasheet HTML 7Page - Pycom 0700461908616 Datasheet HTML 8Page - Pycom 0700461908616 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
03
Version 1.1
1.0
Overview
The LoPy4 is a quadruple bearer MicroPython
enabled development board (LoRa, Sigfox, WiFi,
Bluetooth) – perfect enterprise grade IoT platform
for your connected Things. With the latest Espressif
chipset the LoPy4 offers a perfect combination of
power, friendliness and flexibility. Create and
connect your things everywhere. Fast.
Size
55mm x 20mm x 3.5mm
(excluding headers)
Operating temperature:
–40 to 85 degrees celsius
LoRa / Sigfox
transceiver
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio
LoRa 433–510 MHz
antenna connector
WS2812 RGB
multi–colour LED
LoRa / Sigfox
868–915 MHz antenna
3V3 Ultra–Low–Noise
switching regulator
8MB
flash
memory
U.FL
connector
Reset switch
RF
switch
Internal
WiFi and
Bluetooth
Antenna
go invent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com