Electronic Components Datasheet Search
  English  ▼

X  

PYTRACK Datasheet(PDF) 1 Page - Pycom

Part # PYTRACK
Description  Imagine a shield which you can use with any of your Pycom multi-network modules.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

PYTRACK Datasheet(HTML) 1 Page - Pycom

  PYTRACK Datasheet HTML 1Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pytrack
Imagine a shield which you can use with any of your Pycom
multi-network modules. This is what we give you with Pysense
and Pytrack – a leg up to get you off to a great start really
a number of sensors.
- A super accurate GNSS + Glonass GPS
- 3 axis 12-bit accelerometer
- A USB port with serial access
- LiPo battery charger
- MicroSD card compatibility
- Ultra low power operation (~8uA in deep sleep,
with a Lopy4/Wipy3/Fipy or Gpy module)
Pytrack Features
Use the Pymakr Plugins
Plugins for popular code editors to write your MicroPython scripts
Easy Upload
the FTP server
Locally or remotely
Reset the GPy (you can do it locally, or remotely via Telnet)
Mechanical
Size: 55mm x 35mm x 10mm
Operating Temperature: -40 to +85 Celsius
Weight: 11g
- GPS
- GLONASS
- Galileo
- QZSS
Crafted by a group of Pycom back-end experts the Pybytes
platform will be everything there needs to be in place to gather,
organise and display your data FREE OF CHARGE in the cloud.
Regardless of whether you are a company, IoT system architect,
or an ambitious tech hobbyist we’ll soon get you connected.
Location services supported
Use with Pybytes
With dozens of ready to use templates and libraries soon to
be available on the Pycom Exchange, developing a new IoT
solution is now easier and faster.
Glonass
GPS
Accelerometer
JST connector
for LiPo battery
MicroSD
card slot
USB serial port
USB to serial
converter
Distributed and manufactured by Pycom Ltd.
High Point, 9 Sydenham Road, Guildford, Surrey GU1 3RX, UK
Copyright © 2017 by Pycom Ltd. All rights reserved. No part of this
document may be reproduced, distributed, or transmitted in any form or
by any means, including photocopying, recording, or other electronic or
mechanical methods, without the prior written permission of Pycom Ltd,
except in the case of brief quotations embodied in critical reviews and
certain other noncommercial uses permitted by copyright law.
To order contact
sales@pycom.io
06/02/20


Similar Part No. - PYTRACK

ManufacturerPart #DatasheetDescription
logo
Pycom
PYTRACK 2.0 X PYCOM-PYTRACK 2.0 X Datasheet
1Mb / 16P
GPS receiver board that comes in the shape of a shield.
Rev 0.1 / 23.06.2020
PYTRACK2.0X PYCOM-PYTRACK2.0X Datasheet
1Mb / 16P
GPS receiver board that comes in the shape of a shield.
Rev 0.1 / 23.06.2020
More results

Similar Description - PYTRACK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS80C410 MAXIM-DS80C410 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
REV: 010705
DS80C410 MAXIM-DS80C410_09 Datasheet
1Mb / 102P
Network Microcontrollers with Ethernet and CAN
Rev 4; 6/09
logo
ALPS ELECTRIC CO.,LTD.
FLUH1LH ALPS-FLUH1LH Datasheet
186Kb / 3P
Network Modules
logo
Intel Corporation
I350T2BLK INTEL-I350T2BLK Datasheet
3Mb / 2P
Ethernet Converged Network and Server Adapters Connectivity you can count on
logo
Micross Components
AS8F2M32 MICROSS-AS8F2M32 Datasheet
530Kb / 12P
Any combination of Sectors can be Erased
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
EZ SHIELD CAN
S02-20150300 HARWIN-S02-20150300 Datasheet
70Kb / 1P
EZ-BOARDWARE SHIELD CAN
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
Can be aligned without any loss of pitch
2700684 PHOENIX-2700684 Datasheet
120Kb / 5P
You can use low-voltage and extra-low voltage modules directly next to each other within an Axioline F station.
logo
Arduino
A000066 ARDUINO-A000066 Datasheet
4Mb / 49P
ARDUINO, YOUR GATEWAT TO A WORLD FULL OF INVENTIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com