Electronic Components Datasheet Search
  English  ▼

X  

B84110B Datasheet(PDF) 2 Page - EPCOS

Part # B84110B
Description  2-line filters for general-purpose applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B84110B Datasheet(HTML) 2 Page - EPCOS

  B84110B Datasheet HTML 1Page - EPCOS B84110B Datasheet HTML 2Page - EPCOS B84110B Datasheet HTML 3Page - EPCOS B84110B Datasheet HTML 4Page - EPCOS B84110B Datasheet HTML 5Page - EPCOS B84110B Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-line filters
B84110B
for general-purpose applications
Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 1.4 A
Construction
■ 2-line filter
■ Plastic case
Features
■ High insertion loss
■ For PCB mounting
■ Cost-effective solution
■ ENEC 10 approval
Applications
■ Low-performance switch-mode power supplies
■ TV sets
■ Data systems, small-size equipment, industrial electronics
■ DC applications
Terminals
■ Pins fitting standard PCB grid
Marking
Marking on component:
Manufacturer’s logo, ordering code,
rated voltage, rated current,
date code
Minimum marking on packaging:
Manufacturer’s logo, ordering code
Circuit diagram
LINE
LOAD
L
L’
N
N’
SSB0193-6
Please read Cautions and warnings and
Important notes at the end of this document.
01/06
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com