Electronic Components Datasheet Search
  English  ▼

X  

B43560 Datasheet(PDF) 7 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 7 Page - EPCOS

  B43560 Datasheet HTML 1Page - EPCOS B43560 Datasheet HTML 2Page - EPCOS B43560 Datasheet HTML 3Page - EPCOS B43560 Datasheet HTML 4Page - EPCOS B43560 Datasheet HTML 5Page - EPCOS B43560 Datasheet HTML 6Page - EPCOS B43560 Datasheet HTML 7Page - EPCOS B43560 Datasheet HTML 8Page - EPCOS B43560 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
156 10/02
Compact – 105 °C
B43560 / B43580
Useful life
depending on ambient temperature
TA (for natural cooling) and versus temperature of case base TB
(for base cooling) under ripple current operating conditions1)
Frequency factor of
permissible ripple current
I~
versus frequency
f
1,0
0
40
0,5
50
60
A
70
80
90
T
100
B
;
T
110
˚C
2,0
1,5
2,5
3,5
KAL0545-F
B43560/580
R
Ι
R
Ι~
Ι~
Ι~
;
(B)
~
1) The ripple current refers to
I~
R for natural cooling or to I~R(B) for base cooling, respectively.
Refer to page 40 for an explanation on how to interpret the useful life graphs.
KAL0688-5
0,6
f
10 1
Hz
2
10
3
10
4
10
55
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,5
B43560/580
Ι
100 Hz
f
~
Ι ~



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com