Electronic Components Datasheet Search
  English  ▼

X  

INA210 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA210
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
USING THE INA210 WITH COMMON-MODE
REF INPUT IMPEDANCE EFFECTS
Output
INA21x
Load
Supply
ADC
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01mF
to
0.1mF
+2.7Vto+26V
REF
R
1
R
3
R
2
R
4
RSHUNT
INA21x
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1MW
R
PROTECT
10W
R
PROTECT
10W
R
3
1MW
R
4
INA210
,, INA211
INA212, INA213
INA214
SBOS437 – MAY 2008 ....................................................................................................................................................................................................... www.ti.com
As a final note, when the device is powered up, there
is an additional, nearly constant, and well-matched
TRANSIENTS ABOVE 26V
25
µA that flows in each of the inputs as long as the
With a small amount of additional circuitry, the
shunt common-mode voltage is 3V or higher. Below
INA210-INA214 series can be used in circuits subject
2V common-mode, the only current effects are the
to transients higher than 26V, such as automotive
result of the 1M
Ω resistors.
applications. Use only zener diode or zener-type
transient
absorbers
(sometimes
referred
to
as
Transzorbs)— any other type of transient absorber
has an unacceptable time delay. Start by adding a
As with any difference amplifier, the INA210-INA214
pair of resistors as shown in Figure 27 as a working
series common-mode rejection ratio is affected by
impedance for the zener. It is desirable to keep these
any impedance present at the REF input. This
resistors as small as possible, most often around
concern is not a problem when the REF pin is
10
Ω. Larger values can be used with an effect on
connected directly to most references or power
gain that is discussed in the section on input filtering.
supplies. When using resistive dividers from the
Because
this
circuit
is
limiting
only
short-term
power supply or a reference voltage, the REF pin
transients, many applications are satisfied with a 10
Ω
should be buffered by an op amp.
resistor along with conventional zener diodes of the
In systems where the INA210-INA214 output can be
lowest
power
rating
that
can
be
found.
This
sensed differentially, such as by a differential input
combination uses the least amount of board space.
analog-to-digital converter (ADC) or by using two
These diodes can be found in packages as small as
separate
ADC
inputs,
the
effects
of
external
SOT-523 or SOD-523.
impedance on the REF input can be cancelled.
Figure 26 depicts a method of taking the output from
the INA210-INA214 by using the REF pin as a
reference.
Figure 26. Sensing INA210-INA214 to Cancel
Figure 27. INA210-INA214 Transient Protection
Effects of Impedance on the REF Input
Using Dual Zener Diodes
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA210 INA211 INA212 INA213 INA214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com