Electronic Components Datasheet Search
  English  ▼

X  

SMC034 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SMC034
Description  SMA Male Connector Solder Attachment For .034 SR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SMC034 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SMC034 Datasheet HTML 1Page - Infinite Electronics International, Inc. SMC034 Datasheet HTML 2Page - Infinite Electronics International, Inc. SMC034 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2020
SMA male connector with solder/solder attachment for .034 SR, part number
SMC034, from Fairview Microwave is in-stock and ships same day. This SMA male
connector operates up to a maximum frequency of 18 GHz and offers good VSWR
of 1.3:1.
Fairview’s SMA male connector SMC034 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
125
Vrms
DWV (AC)
375
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
0.499 in [12.67 mm]
Width/Dia.
0.312 in [7.92 mm]
.
Weight
0.0088 lbs [3.99 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Material Specifications
.
Description
Material
Plating
Contact
Brass
Gold
MIL-G-45204
.
Insulation
PTFE
.
Body
Brass
Gold
MIL-G-45204
Coupling Nut
Brass
Nickel
QQ-N-290
SMC034
DATA SHEET
SMA Male Connector Solder Attachment For .034 SR
Cable
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• .034 SR Interface Type
• Solder/Solder Attachment
• 5/16 inch Hex
Features:
• Operating Frequency
of 18 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SMC034

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMC032AF NUMONYX-SMC032AF Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMC032AFY6 NUMONYX-SMC032AFY6 Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMC032AFY6E NUMONYX-SMC032AFY6E Datasheet
1Mb / 82P
32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
SMC032BF NUMONYX-SMC032BF Datasheet
1Mb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC032BFY6 STMICROELECTRONICS-SMC032BFY6 Datasheet
833Kb / 91P
32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
27-Oct-2006
More results

Similar Description - SMC034

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4215 PASTERNACK-PE4215 Datasheet
262Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG58
PE4918 PASTERNACK-PE4918 Datasheet
217Kb / 2P
SMA Male Connector Solder Attachment For PE-020SR
PE4005 PASTERNACK-PE4005_16 Datasheet
380Kb / 3P
SMA Male Connector Solder Attachment
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE4037 PASTERNACK-PE4037_16 Datasheet
342Kb / 3P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4525 PASTERNACK-PE4525_16 Datasheet
347Kb / 3P
SMA Male Connector Solder Attachment
logo
TE Connectivity Ltd
2406839 TEC-2406839 Datasheet
143Kb / 1P
SMPM JACK ST FOR CABLE SR.034
Rev. A
2406840 TEC-2406840 Datasheet
145Kb / 1P
SMPM PLUG ST FOR CABLE SR.034
Rev. A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com