Electronic Components Datasheet Search
  English  ▼

X  

STA328 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA328_08 Datasheet HTML 12Page - STMicroelectronics STA328_08 Datasheet HTML 13Page - STMicroelectronics STA328_08 Datasheet HTML 14Page - STMicroelectronics STA328_08 Datasheet HTML 15Page - STMicroelectronics STA328_08 Datasheet HTML 16Page - STMicroelectronics STA328_08 Datasheet HTML 17Page - STMicroelectronics STA328_08 Datasheet HTML 18Page - STMicroelectronics STA328_08 Datasheet HTML 19Page - STMicroelectronics STA328_08 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
I2C bus specification
STA328
16/57
5
I2C bus specification
The STA328 supports the I2C protocol. This protocol defines any device that sends data on
to the I2C bus as a transmitter and any device that reads the data as a receiver. The device
that controls the data transfer is known as the master and the other as the slave. The master
always starts the transfer and provides the serial clock for synchronization. The STA328 is
always a slave device in all of its communications.
5.1
Communication protocol
Data transition or change
Data changes on the SDA line must only occur when the SCL clock is low. SDA transition
while the clock is high is used to identify a START or STOP condition.
Start condition
START is identified by a high to low transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A START condition must precede any command for
data transfer.
Stop condition
STOP is identified by a low to high transition of the data bus SDA signal while the clock
signal SCL is stable in the high state. A STOP condition terminates communication between
STA328 and the bus master.
Data input
During the data input the STA328 samples the SDA signal on the rising edge of clock SCL.
For correct device operation the SDA signal must be stable during the rising edge of the
clock and the data can change only when the SCL line is low.
5.2
Device addressing
To start communication between the master and the STA328, the master must initiate with a
start condition. Following this, the master sends 8 bits (MSB first) onto the SDA line
corresponding to the device select address and read or write mode.
The 7 MSBs are the device address identifiers, corresponding to the I2C bus definition. The
STA328 device address is decimal 34 (binary 00100010).
The 8th bit (LSB) identifies read or write operation, RW. This bit is set to 1 in read mode and
0 for write mode. After a START condition the STA328 identifies the device address on the
bus. If a match is found, it acknowledges the identification on the SDA bus during the 9th bit
time. The byte following the device identification byte is the internal space address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com