Electronic Components Datasheet Search
  English  ▼

X  

CC4-01 Datasheet(PDF) 2 Page - ABB

Part # CC4-01
Description  CC4-01 Lagging Auxiliary Contact Block
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

CC4-01 Datasheet(HTML) 2 Page - ABB

  CC4-01 Datasheet HTML 1Page - ABB CC4-01 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rated Operational Voltage:
Rated Short-time Withstand Current
(Icw):
Suitable For:
Terminal Type:
Tightening Torque:
Wire Stripping Length:
ABS Certificate:
CB Certificate:
CCC Certificate:
Data Sheet, Technical Information:
Declaration of Conformity - CE:
EAC Certificate:
GOST Certificate:
LR Certificate:
RINA Certificate:
UL Certificate:
E-nummer:
ETIM 4:
ETIM 5:
ETIM 6:
Object Classification Code:
UNSPSC:
(600 V) 0.1 A / 60 W
(72 V) 1 A / 72 W
Auxiliary Circuit 24 ... 690 V
for 0.1 s 140 A
for 1 s 100 A
AF09
AF12
AF16
AF26
AF30
AF38
AF40
AF52
AF65
AF80
AF96
NF
Screw Terminals
Auxiliary Circuit 1.2 N·m
Auxiliary Circuit 10 mm
Certificates and Declarations (Document Number)
ABS_15-GE1349500-PDA_90682247
CB_SE_70923
CCC_2011010304496319
1SBC100173C0201
1SBD250007U1000
EAC_RU C-FR ME77 B01048
GOST_POCCFR.ME77.B07175.pdf
LRS_1300087E1
RINA_ELE084013XG
UL_20091128-E252354-3-1
Classifications
3211433
EC002498 - Accessories for low-voltage switch technology
EC002498 - Accessories for low-voltage switch technology
EC002498 - Accessories for low-voltage switch technology
K
39121500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com