Electronic Components Datasheet Search
  English  ▼

X  

SC3013 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC3013
Description  ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM 0.287" (7.3)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC3013 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC3013 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
BRASS SMA ST .141SR DIRECT SOLDER
SPECIFICATIONS
ELECTRICAL:
FREQUENCY: 0-18 GHZ
VSWR 1.2:1 MAX
IMPEDANCE: 50 OHMS
OP. TEMP RANGE: -55°C to +120°C
MECHANICAL:
MATERIAL BODY: NI PLATED BRASS
CENTER CONTACT: BRASS
CONTACT PLATING: 30 -in
ROHS COMPLIANT
ASSEMBLY
TRIM CABLE AS SHOWN,
SOLDER PIN TO CENTER CONDUCTOR,
INSERT CABLE INTO SMA BODY,
SOLDER CABLE JACKET WHILE KEEPING END OF
CABLE FLUSH WITH TEFLON & CHECKING FINAL
PIN DEPTH
3FKR5
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
BRASS SMA ST .141SR DIRECT SOLDER
ALL DIMENSIONS IN inches(MM) Typical
0.441"
(11.2)
0.315"
(8.0)
0.185"
(4.7)
0.211"
(5.4)
0.287"
(7.3)
0.098"
(2.5)
RECOMENDED STRIPPING


Similar Part No. - SC3013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
TE Connectivity Ltd
SC30101KT TEC-SC30101KT Datasheet
131Kb / 5P
Axial Leaded Power Inductors
logo
List of Unclassifed Man...
SC3010S ETC-SC3010S Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC3010S SILAN-SC3010S Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
More results

Similar Description - SC3013

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC508LP5 HITTITE-HMC508LP5 Datasheet
355Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
logo
Power Integrations, Inc...
DER-110 POWERINT-DER-110 Datasheet
624Kb / 23P
7.3 W Dual Output Non-Isolated Power Supply using TNY266P
logo
Hittite Microwave Corpo...
HMC508LP5 HITTITE-HMC508LP5_11 Datasheet
435Kb / 6P
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.3 - 8.2 GHz
logo
Molex Electronics Ltd.
35150-0390 MOLEX2-35150-0390 Datasheet
33Kb / 1P
7.3 PITCH W/W CONN T.P.A 3P
35150-030 MOLEX8-35150-030 Datasheet
58Kb / 1P
7.3 PITCH W/W CONN MALE HSG-3P
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
9615SW Allen Blvd
logo
Renesas Technology Corp
SLG59M1568V RENESAS-SLG59M1568V Datasheet
455Kb / 11P
7.3 mW, 9 A GreenFET Load Switch with Discharge
February 7, 2022
logo
Transko Electronics, In...
TMPIC07030F TRANSKO-TMPIC07030F Datasheet
625Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 2: 04-15-2019
TPI07030F TRANSKO-TPI07030F Datasheet
549Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 1: 02-14-2018
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com