Electronic Components Datasheet Search
  English  ▼

X  

SC7016 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7016
Description  RA SMA Male Connector Solder Attachment For RG402, RG402 Tinned, .141 SR Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7016 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7016 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7016 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7016 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
RA SMA male connector with solder/solder attachment for RG402, RG402 Tinned
and .141 SR, part number SC7016, from Fairview Microwave is in-stock and ships
same day. This SMA male connector operates up to a maximum frequency of 12.4
GHz and offers good VSWR of 1.3:1. Its right angle body geometry facilitates
connections in tight spaces.
Fairview’s RA SMA male connector SC7016 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
12.4
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
0.65 in [16.51 mm]
Height
0.441 in [11.2 mm]
.
Weight
0.00882 lbs [4 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Brass
Gold
MIL-G-45204
.
Insulation
PTFE
.
Body
Stainless Steel
Gold
MIL-G-45204
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC7016
DATA SHEET
RA SMA Male Connector Solder Attachment For
RG402, RG402 Tinned, .141 SR Cable
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Male Connector
• 50 Ohms
• Right Angle Body Geometry
• RG402, RG402 Tinned, .141 SR
Interface Type
• Solder/Solder Attachment
Features:
• Operating Frequency
of 12.4 GHz Max.
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• Contact plating according
to MIL-G-45204
Applications:
• General Purpose Test
• Custom Cable Assemblies


Similar Part No. - SC7016

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC701 POLYFET-SC701 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Pro-Signal
SC7010-1.5M PROSIGNAL-SC7010-1.5M Datasheet
28Kb / 1P
2x 6.35mm (1⁄4") Mono Jack Plugs to 2x Phono Plugs Lead
SC7010-3M PROSIGNAL-SC7010-3M Datasheet
28Kb / 1P
2x 6.35mm (1⁄4") Mono Jack Plugs to 2x Phono Plugs Lead
logo
Polyfet RF Devices
SC701 POLYFET-SC701_14 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC7016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4007 PASTERNACK-PE4007 Datasheet
298Kb / 2P
SMA Male Connector Solder (Without Contact) Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4112 PASTERNACK-PE4112 Datasheet
262Kb / 3P
SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4115 PASTERNACK-PE4115 Datasheet
277Kb / 2P
SMA Female Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4083 PASTERNACK-PE4083 Datasheet
276Kb / 3P
SMA Male Right Angle Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4778 PASTERNACK-PE4778 Datasheet
257Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE3C1015 PASTERNACK-PE3C1015 Datasheet
358Kb / 4P
SMA Male to SMA Male Cable Using Tinned RG402 Coax
PE3C1015-24 PASTERNACK-PE3C1015-24 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 24 Inch Length Using Tinned RG402 Coax
PE3C1015-36 PASTERNACK-PE3C1015-36 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 36 Inch Length Using Tinned RG402 Coax
PE3C1015-60 PASTERNACK-PE3C1015-60 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 60 InchLength Using Tinned RG402 Coax
PE3C1015-72 PASTERNACK-PE3C1015-72 Datasheet
356Kb / 4P
SMA Male to SMA Male Cable 72 InchLength Using Tinned RG402 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com