Electronic Components Datasheet Search
  English  ▼

X  

CL2-502L Datasheet(PDF) 1 Page - ABB

Part # CL2-502L
Description  Compact pilot light CL to CL2 cross-reference
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

CL2-502L Datasheet(HTML) 1 Page - ABB

  CL2-502L Datasheet HTML 1Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact pilot light CL to CL2 cross-reference
Existing part number
Type CL
Description
Global reference code
New part number
Type CL2
Description
Global reference code
CL-501R
COMPACT PILOT LIGHT, 12V DC, RED
1SFA619402R5011
 CL2-501R
COMPACT PILOT LIGHT, 12V DC, RED
1SFA619403R5011
CL-501G
COMPACT PILOT LIGHT, 12V DC, GREEN
1SFA619402R5012
 CL2-501G
COMPACT PILOT LIGHT, 12V DC, GREEN
1SFA619403R5012
CL-501Y
COMPACT PILOT LIGHT, 12V DC, YELLOW
1SFA619402R5013
 CL2-501Y
COMPACT PILOT LIGHT, 12V DC, YELLOW
1SFA619403R5013
CL-501L
COMPACT PILOT LIGHT, 12V DC, BLUE
1SFA619402R5014
 CL2-501L
COMPACT PILOT LIGHT, 12V DC, BLUE
1SFA619403R5014
CL-501W
COMPACT PILOT LIGHT, 12V DC, WHITE
1SFA619402R5015
 CL2-501C
COMPACT PILOT LIGHT, 12V DC, WHITE
1SFA619403R5018
CL-502R
COMPACT PILOT LIGHT, 24V AC/DC, RED
1SFA619402R5021
 CL2-502R
COMPACT PILOT LIGHT, 24V AC/DC, RED
1SFA619403R5021
CL-502G
COMPACT PILOT LIGHT, 24V AC/DC, GREEN
1SFA619402R5022
 CL2-502G
COMPACT PILOT LIGHT, 24V AC/DC, GREEN
1SFA619403R5022
CL-502Y
COMPACT PILOT LIGHT, 24V AC/DC, YELLOW
1SFA619402R5023
 CL2-502Y
COMPACT PILOT LIGHT, 24V AC/DC, YELLOW
1SFA619403R5023
CL-502L
COMPACT PILOT LIGHT, 24V AC/DC, BLUE
1SFA619402R5024
 CL2-502L
COMPACT PILOT LIGHT, 24V AC/DC, BLUE
1SFA619403R5024
CL-502W
COMPACT PILOT LIGHT, 24V AC/DC, WHITE
1SFA619402R5025
 CL2-502C
COMPACT PILOT LIGHT, 24V AC/DC, WHITE
1SFA619403R5028
CL-504R
COMPACT PILOT LIGHT, 48V AC/DC, RED
1SFA619402R5041
 CL2-507R
COMPACT PILOT LIGHT, 48-60V AC/DC, RED
1SFA619403R5071
CL-504G
COMPACT PILOT LIGHT, 48V AC/DC, GREEN
1SFA619402R5042
 CL2-507G
COMPACT PILOT LIGHT, 48-60V AC/DC, GREEN
1SFA619403R5072
CL-504Y
COMPACT PILOT LIGHT, 48V AC/DC, YELLOW
1SFA619402R5043
 CL2-507Y
COMPACT PILOT LIGHT, 48-60V AC/DC, YELLOW
1SFA619403R5073
CL-504L
COMPACT PILOT LIGHT, 48V AC/DC, BLUE
1SFA619402R5044
 CL2-507L
COMPACT PILOT LIGHT, 48-60V AC/DC, BLUE
1SFA619403R5074
CL-504W
COMPACT PILOT LIGHT, 48V AC/DC, WHITE
1SFA619402R5045
 CL2-507C
COMPACT PILOT LIGHT, 48-60V AC/DC, WHITE
1SFA619403R5078
CL-505R
COMPACT PILOT LIGHT, 60V AC/DC, RED
1SFA619402R5051
 CL2-507R
COMPACT PILOT LIGHT, 48-60V AC/DC, RED
1SFA619403R5071
CL-505G
COMPACT PILOT LIGHT, 60V AC/DC, GREEN
1SFA619402R5052
 CL2-507G
COMPACT PILOT LIGHT, 48-60V AC/DC, GREEN
1SFA619403R5072
CL-505Y
COMPACT PILOT LIGHT, 60V AC/DC, YELLOW
1SFA619402R5053
 CL2-507Y
COMPACT PILOT LIGHT, 48-60V AC/DC, YELLOW
1SFA619403R5073
CL-505L
COMPACT PILOT LIGHT, 60V AC/DC, BLUE
1SFA619402R5054
 CL2-507L
COMPACT PILOT LIGHT, 48-60V AC/DC, BLUE
1SFA619403R5074
CL-505W
COMPACT PILOT LIGHT, 60V AC/DC, WHITE
1SFA619402R5055
 CL2-507C
COMPACT PILOT LIGHT, 48-60V AC/DC, WHITE
1SFA619403R5078
CL-513R
COMPACT PILOT LIGHT, 110-130V AC, RED
1SFA619402R5131
 CL2-513R
COMPACT PILOT LIGHT, 110-130V AC, RED
1SFA619403R5131
CL-513G
COMPACT PILOT LIGHT, 110-130V AC, GREEN
1SFA619402R5132
 CL2-513G
COMPACT PILOT LIGHT, 110-130V AC, GREEN
1SFA619403R5132
CL-513Y
COMPACT PILOT LIGHT, 110-130V AC, YELLOW
1SFA619402R5133
 CL2-513Y
COMPACT PILOT LIGHT, 110-130V AC, YELLOW
1SFA619403R5133
CL-513L
COMPACT PILOT LIGHT, 110-130V AC, BLUE
1SFA619402R5134
 CL2-513L
COMPACT PILOT LIGHT, 110-130V AC, BLUE
1SFA619403R5134
CL-513W
COMPACT PILOT LIGHT, 110-130V AC, WHITE
1SFA619402R5135
 CL2-513C
COMPACT PILOT LIGHT, 110-130V AC, WHITE
1SFA619403R5138
CL-515R
COMPACT PILOT LIGHT, 110-130V DC, RED
1SFA619402R5151
 CL2-515R
COMPACT PILOT LIGHT, 110-130V DC, RED
1SFA619403R5151
CL-515G
COMPACT PILOT LIGHT, 110-130V DC, GREEN
1SFA619402R5152
 CL2-515G
COMPACT PILOT LIGHT, 110-130V DC, GREEN
1SFA619403R5152
CL-515Y
COMPACT PILOT LIGHT, 110-130V DC, YELLOW
1SFA619402R5153
 CL2-515Y
COMPACT PILOT LIGHT, 110-130V DC, YELLOW
1SFA619403R5153
CL-515L
COMPACT PILOT LIGHT, 110-130V DC, BLUE
1SFA619402R5154
 CL2-515L
COMPACT PILOT LIGHT, 110-130V DC, BLUE
1SFA619403R5154
CL-515W
COMPACT PILOT LIGHT, 110-130V DC, WHITE
1SFA619402R5155
 CL2-515C
COMPACT PILOT LIGHT, 110-130V DC, WHITE
1SFA619403R5158
CL-520R
COMPACT PILOT LIGHT, 220V DC, RED
1SFA619402R5201
 CL2-520R
COMPACT PILOT LIGHT, 220V DC, RED
1SFA619403R5201
CL-520G
COMPACT PILOT LIGHT, 220V DC, GREEN
1SFA619402R5202
 CL2-520G
COMPACT PILOT LIGHT, 220V DC, GREEN
1SFA619403R5202
CL-520Y
COMPACT PILOT LIGHT, 220V DC, YELLOW
1SFA619402R5203
 CL2-520Y
COMPACT PILOT LIGHT, 220V DC, YELLOW
1SFA619403R5203
CL-520L
COMPACT PILOT LIGHT, 220V DC, BLUE
1SFA619402R5204
 CL2-520L
COMPACT PILOT LIGHT, 220V DC, BLUE
1SFA619403R5204
CL-520W
COMPACT PILOT LIGHT, 220V DC, WHITE
1SFA619402R5205
 CL2-520C
COMPACT PILOT LIGHT, 220V DC, WHITE
1SFA619403R5208
CL-523R
COMPACT PILOT LIGHT, 230V AC, RED
1SFA619402R5231
 CL2-523R
COMPACT PILOT LIGHT, 230V AC, RED
1SFA619403R5231
CL-523G
COMPACT PILOT LIGHT, 230V AC, GREEN
1SFA619402R5232
 CL2-523G
COMPACT PILOT LIGHT, 230V AC, GREEN
1SFA619403R5232
CL-523Y
COMPACT PILOT LIGHT, 230V AC, YELLOW
1SFA619402R5233
 CL2-523Y
COMPACT PILOT LIGHT, 230V AC, YELLOW
1SFA619403R5233
CL-523L
COMPACT PILOT LIGHT, 230V AC, BLUE
1SFA619402R5234
 CL2-523L
COMPACT PILOT LIGHT, 230V AC, BLUE
1SFA619403R5234
CL-523W
COMPACT PILOT LIGHT, 230V AC, WHITE
1SFA619402R5235
 CL2-523C
COMPACT PILOT LIGHT, 230V AC, WHITE
1SFA619403R5238
CL-541R
COMPACT PILOT LIGHT, 415V AC, RED
1SFA619402R5411
 CL2-542R
COMPACT PILOT LIGHT, 380-415V AC, RED
1SFA619403R5421
CL-541G
COMPACT PILOT LIGHT, 415V AC, GREEN
1SFA619402R5412
 CL2-542G
COMPACT PILOT LIGHT, 380-415V AC, GREEN
1SFA619403R5422
CL-541Y
COMPACT PILOT LIGHT, 415V AC, YELLOW
1SFA619402R5413
 CL2-542Y
COMPACT PILOT LIGHT, 380-415V AC, YELLOW
1SFA619403R5423
CL-541L
COMPACT PILOT LIGHT, 415V AC, BLUE
1SFA619402R5414
 CL2-542L
COMPACT PILOT LIGHT, 380-415V AC, BLUE
1SFA619403R5424
CL-541W
COMPACT PILOT LIGHT, 415V AC, WHITE
1SFA619402R5415
 CL2-542C
COMPACT PILOT LIGHT, 380-415V AC, WHITE
1SFA619403R5428
CL-530R
COMPACT PILOT LIGHT, 380V AC, RED
1SFA619402R5301
 CL2-542R
COMPACT PILOT LIGHT, 380-415V AC, RED
1SFA619403R5421
CL-530G
COMPACT PILOT LIGHT, 380V AC, GREEN
1SFA619402R5302
 CL2-542G
COMPACT PILOT LIGHT, 380-415V AC, GREEN
1SFA619403R5422
CL-530Y
COMPACT PILOT LIGHT, 380V AC, YELLOW
1SFA619402R5303
 CL2-542Y
COMPACT PILOT LIGHT, 380-415V AC, YELLOW
1SFA619403R5423
CL-530L
COMPACT PILOT LIGHT, 380V AC, BLUE
1SFA619402R5304
 CL2-542L
COMPACT PILOT LIGHT, 380-415V AC, BLUE
1SFA619403R5424
CL-530W
COMPACT PILOT LIGHT, 380V AC, WHITE
1SFA619402R5305
 CL2-542C
COMPACT PILOT LIGHT, 380-415V AC, WHITE
1SFA619403R5428
CL2-506R
COMPACT PILOT LIGHT, 6.3V DC, RED
1SFA619403R5061
Technical data
Existing design CL
New design CL2
CL2-506G
COMPACT PILOT LIGHT, 6.3V DC, GREEN
1SFA619403R5062
Protection degree
IP66, IP67, IP69K, Type 4X
IP66, IP67, IP69K, Type 4X
CL2-506Y
COMPACT PILOT LIGHT, 6.3V DC, YELLOW
1SFA619403R5063
Service life
≥ 50 000 hrs
≥ 50 000 hrs
CL2-506L
COMPACT PILOT LIGHT, 6.3V DC, BLUE
1SFA619403R5064
UV stabilization
Yes
Yes
CL2-506C
COMPACT PILOT LIGHT, 6.3V DC, WHITE
1SFA619403R5068
Approvals
cULus, CCC, CE
cULus, CCC, CE
CL2-623R
COMPACT PILOT LIGHT, 230V AC, RED
1SFA619403R6231
CL2-623G
COMPACT PILOT LIGHT, 230V AC, GREEN
1SFA619403R6232
CL2-623Y
COMPACT PILOT LIGHT, 230V AC, YELLOW
1SFA619403R6233
CL2-623L
COMPACT PILOT LIGHT, 230V AC, BLUE
1SFA619403R6234
CL2-623C
COMPACT PILOT LIGHT, 230V AC, WHITE
1SFA619403R6238
Built in depth
42 mm
39 mm
Voltage fluctuation
range
Designed for ±20%
Designed for ±20%
Panel thickness
1.5 ... 6 mm
1 ... 6 mm
Screw terminal
PZ2
PZ2
October 2015
Reduced SKU's; 48V
and 60V now combined
Reduced SKU's; 48V
and 60V now combined
New voltages available
Operating temperature
-25°C ...+70°C
-25°C ... +70°C
Flammability of material
V0
V2


Similar Part No. - CL2-502L

ManufacturerPart #DatasheetDescription
logo
ABB
CL2-502L ABB-CL2-502L Datasheet
2Mb / 24P
Pilot devices The core offering
2016
More results

Similar Description - CL2-502L

ManufacturerPart #DatasheetDescription
logo
ITT Industries
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
QT-BNC Connector To Tooling Cross Reference
logo
Tyco Electronics
2-1393589-9 MACOM-2-1393589-9 Datasheet
28Kb / 1P
Cross reference table
logo
Hammond Manufacturing L...
1584PL HAMMOND-1584PL Datasheet
47Kb / 1P
Replacement Pilot Light
logo
Schneider Electric
XB4BVCUST04 SCHNEIDER-XB4BVCUST04 Datasheet
139Kb / 1P
PILOT LIGHT
Sep 29, 2021
ZB4BVCUST01 SCHNEIDER-ZB4BVCUST01 Datasheet
131Kb / 1P
PILOT LIGHT HEAD
Oct 4, 2021
ZA2BV03 SCHNEIDER-ZA2BV03 Datasheet
149Kb / 2P
PILOT LIGHT
Mar 21, 2022
ZA2BV04 SCHNEIDER-ZA2BV04 Datasheet
122Kb / 2P
PILOT LIGHT
Mar 21, 2022
ZA2BV05 SCHNEIDER-ZA2BV05 Datasheet
143Kb / 2P
PILOT LIGHT
Mar 21, 2022
ZA2BV06 SCHNEIDER-ZA2BV06 Datasheet
148Kb / 2P
LENS PILOT LIGHT
Mar 21, 2022
ZA2BV07 SCHNEIDER-ZA2BV07 Datasheet
108Kb / 2P
LENS PILOT LIGHT
Mar 21, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com