Electronic Components Datasheet Search
  English  ▼

X  

SC8006 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC8006
Description  SMA Female PCB Connector .062 inch End Launch Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC8006 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC8006 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC8006 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC8006 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
SMA female connector with solder attachment for .062 inch end launch PCB, part
number SC8006, from Fairview Microwave is in-stock and ships same day. This
SMA female connector operates up to a maximum frequency of 18 GHz and offers
excellent VSWR of 1.23:1.
Fairview’s SMA female connector SC8006 datasheet specifications and outline
drawing are shown in this PDF below. Our extensive offering of RF, microwave
and millimeter wave connectors allows designers to configure and customize their
signal connections however they like. From providing an I/O for a board design
to creating a custom cable assembly configuration, Fairview Microwave has a
connector solution to meet your needs. Fairview Microwave also has the expertise
to build your custom cable assemblies for you and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.23:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.562 in [14.27 mm]
Width/Dia.
0.375 in [9.53 mm]
Height
0.312 in [7.92 mm]
.
Weight
0.00485 lbs [2.2 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
50 µin minimum
.
Insulation
PTFE
.
Outer Conductor
Brass
Gold
3 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC8006
DATA SHEET
SMA Female PCB Connector .062 inch End Launch
Solder Attachment
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• .062 inch End Launch Interface
Type
• Solder Attachment
Features:
• Operating Frequency
of 18 GHz Max.
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium
Copper Contact
• 50 µin minimum contact plating
Applications:
• General Purpose Test
• PCB Applications


Similar Part No. - SC8006

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
SC800 SWITCH-SC800 Datasheet
225Kb / 1P
600, 700, 702, 800 & 900 Series Overview
logo
ZKTECO CO., LTD. All ri...
SC800 ZKTECO-SC800 Datasheet
687Kb / 2P
Design With Simplicity Multi-Tech Card Access Control Terminal
V1.4 12/28/2023
logo
celduc-relais
SC800010 CELDUC-SC800010 Datasheet
107Kb / 2P
Power Solid State Relay
logo
SHENZHEN FUMAN ELECTRON...
SC8002B FUMAN-SC8002B Datasheet
471Kb / 6P
3W audio power amplifier IC
logo
Infinite Electronics In...
SC8005 FAIRVIEW-SC8005 Datasheet
441Kb / 3P
SMA Female PCB Connector .062 inch End Launch Solder Attachment
REV 2.1
More results

Similar Description - SC8006

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE4542 PASTERNACK-PE4542 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44201 PASTERNACK-PE44201 Datasheet
222Kb / 3P
RT SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44943 PASTERNACK-PE44943 Datasheet
375Kb / 3P
SMP Male Full Detent Connector Solder Attachment .062 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com