Electronic Components Datasheet Search
  English  ▼

X  

SC8435 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC8435
Description  SMA Female Bulkhead PCB Connector .062 inch End Launch Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC8435 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC8435 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC8435 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC8435 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.1 Page 1 of 3
Copyright © 2017
SMA female bulkhead connector with solder attachment for .062 inch end launch
PCB, part number SC8435, from Fairview Microwave is in-stock and ships same
day. This SMA female connector operates up to a maximum frequency of 18 GHz
and offers excellent VSWR of 1.25:1. Fairview’s SC8435 bulkhead SMA connector
enables designers to make external connections on product enclosures, and can
be used in a variety of other rack mount and panel mount applications.
Fairview’s SMA female bulkhead connector SC8435 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.25:1
Operating Voltage (AC)
335
Vrms
.
Mechanical Specifications
Size
Length
0.74 in [18.8 mm]
Width/Dia.
0.281 in [7.14 mm]
Height
0.281 in [7.14 mm]
.
Weight
0.0085 lbs [3.86 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
50 µin minimum
.
Insulation
PTFE
.
Outer Conductor
Brass
Gold
3 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC8435
DATA SHEET
SMA Female Bulkhead PCB Connector .062 inch End
Launch Solder Attachment
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• .062 inch End Launch Interface
Type
• Solder Attachment
• Bulkhead
Features:
• Operating Frequency
of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Beryllium
Copper Contact
• 50 µin minimum contact plating
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications
• PCB Applications


Similar Part No. - SC8435

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8433 FAIRVIEW-SC8433 Datasheet
30Kb / 1P
.040" TYP FAIRVIEW MICROWAVE INC. SMA BULKHEAD EDGE LAUNCH .062" .312" ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC8438 FAIRVIEW-SC8438 Datasheet
635Kb / 3P
SMA Female (Jack) Bulkhead PCB Connector .052 inch End Launch, Solder, Gold Plated Brass Body, Length 0.645 In
REV 2.1B
More results

Similar Description - SC8435

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44615 PASTERNACK-PE44615 Datasheet
222Kb / 2P
N Female Bulkhead Connector Solder Attachment End Launch PCB, .630 inch Diameter
PE44618 PASTERNACK-PE44618 Datasheet
216Kb / 2P
BNC Female Bulkhead Connector Solder Attachment End Launch PCB, .500 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
PE45405 PASTERNACK-PE45405 Datasheet
461Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .042 inch End Launch PCB
PE45406 PASTERNACK-PE45406 Datasheet
462Kb / 3P
SSMA Female Bulkhead Mount Connector Solder Attachment .062 inch End Launch PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com