Electronic Components Datasheet Search
  English  ▼

X  

M5018-SW Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # M5018-SW
Description  f=50mm F1.8 for 2/3 type SWIR (800nm~1700nm) Cameras C-Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

M5018-SW Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  M5018-SW Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M5018-SW
f=50mm F1.8
for 2/3 type SWIR (800nm~1700nm) Cameras
C-Mount
Model No.
M5018-SW
Effective
φ25.5mm
Focal Length
50mm
Lens Aperture
φ9.6mm
Max. Aperture Ratio
1:1.8
Distortion
-0.3% (y=5.5)
Max. Image Circle
φ12.3mm
-0.1% (y=4.0)
Operation Range
Iris
F1.8‐ F16C
Back Focal Length
13.6mm
Focus
0.6m ‐ Inf.
Flange Back Length
17.526mm
Control
Iris
Manual
Mount
C-Mount
Focus
Manual
Filter Size
M30.5 P=0.5mm
Object Dimension
2/3type
10.4cm x 7.8cm
Dimensions
at M.O.D
1/2type
7.6cm x 5.7cm
Weight
85g
Angle of View
D
2/3 type
1/2 type
H
H8.80mm x V6.60mm
H6.40mm x V4.80mm
V
Angle of View
D
640 x 512
320 x 256
320 x 256
( InGaAs Detector)
H
(Pixel Pitch : 15μm)
(Pixel Pitch : 25μm)
(Pixel Pitch : 20μm)
V
H9.60mm x V7.68mm
H8.00mm x V6.40mm
H6.40mm x V5.12mm
Operating Temperature
Dimensions
-10℃ ‐ +50℃
φ33.5mm x 38.2mm
M.O.D : Minimum Object Distance
Front
Rear
2/3type
1/2type
13.0°
10.4°
7.8°
14.5°
11.3°
9.1°
9.5°
7.6°
5.7°
12.1°
9.5°
7.6°
9.7°
7.6°
6.1°
3.3
7.4
12
38.2
17.526
9.3
4
(IN AIR)
(6.2)
(0.9)
1-32UNF
Iris Ring
Index Ring
Focus Ring
M30.5 P=0.5
Specification is subject to change without any notice.
2015.02


Similar Part No. - M5018-SW

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
135Kb / 1P
f=50mm F1.8 ViSWIR Hyper Apochromat for VisibleSWIR image sensor, Fixed-focal C‐Mount
2024.01
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M5018-APVSW COMPUTAR-M5018-APVSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
M5018-MP2 COMPUTAR-M5018-MP2 Datasheet
648Kb / 1P
f=50mm F1.8 for 2/3 type Megapixel Cameras C-Mount
2008.05
M5018-VSW COMPUTAR-M5018-VSW Datasheet
13Mb / 2P
Compatible with the latest InGaAs sensor cameras
01/24
More results

Similar Description - M5018-SW

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
F2X3IB6 PANDUIT-F2X3IB6 Datasheet
72Kb / 1P
WIRING DUCT - TYPE F WITH COVER 2 X 3
logo
Marktech Corporate
MTAPD-07-001 MARKTECH-MTAPD-07-001 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
MTAPD-07-005 MARKTECH-MTAPD-07-005 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
logo
ALPS ELECTRIC CO.,LTD.
EC50A ALPS-EC50A Datasheet
763Kb / 3P
50mm Size Ring Type
logo
Marktech Corporate
MTAPD-06-001 MARKTECH-MTAPD-06-001 Datasheet
3Mb / 4P
800nm Avalanche Photodiode
MTAPD-06-005 MARKTECH-MTAPD-06-005 Datasheet
2Mb / 4P
800nm Avalanche Photodiode
logo
CT Micro International ...
HIRP1608XC09-H5 CTMICRO-HIRP1608XC09-H5 Datasheet
818Kb / 9P
SMD Type 800nm Infrared Emitter
logo
HARTING Technology Grou...
09-15-003-3101 HARTING-09-15-003-3101 Datasheet
451Kb / 2P
Han 3 Quintax-F-c Inserts
logo
Molex Electronics Ltd.
151340300 MOLEX-151340300 Datasheet
152Kb / 1P
Picoblade 3 Circuit 50MM
2016/07/28
151360300 MOLEX-151360300 Datasheet
152Kb / 1P
MicroClasp 3 Circuit 50MM
2016/12/19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com