Electronic Components Datasheet Search
  English  ▼

X  

ADS5562 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5562
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5562 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5562 Datasheet HTML 1Page - Texas Instruments ADS5562 Datasheet HTML 2Page - Texas Instruments ADS5562 Datasheet HTML 3Page - Texas Instruments ADS5562 Datasheet HTML 4Page - Texas Instruments ADS5562 Datasheet HTML 5Page - Texas Instruments ADS5562 Datasheet HTML 6Page - Texas Instruments ADS5562 Datasheet HTML 7Page - Texas Instruments ADS5562 Datasheet HTML 8Page - Texas Instruments ADS5562 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
B0095-05
16-Bit ADC
CLOCKGEN
Reference
Digital
Encoder
and
Serializer
Control
Interface
INP
INM
CLKP
CLKM
VCM
CLKOUTP
CLKOUTM
D0_D1_P
D0_D1_M
D2_D3_P
D4_D5_P
D6_D7_P
D8_D9_P
D10_D11_P
D12_D13_P
D14_D15_P
D2_D3_M
D4_D5_M
D6_D7_M
D8_D9_M
D10_D11_M
D12_D13_M
D14_D15_M
OVR
ADS556x
LVDSINTERFACE
Sample
and
Hold
ADS5560
ADS5562
SLWS207 – MAY 2008 ....................................................................................................................................................................................................... www.ti.com
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-
PACKAGE
SPECIFIED
PACKAGE
ORDERING
TRANSPORT
LEAD
DESIGNATOR
TEMPERATURE
MARKING
NUMBER
MEDIA
RANGE
ADS5562
QFN-48
RGZ
–40
°C to 85°C
AZ5562
ADS5562IRGZT
Tape and Reel,
small
ADS5562IRGZR
Tape and Reel,
large
ADS5560
QFN-48
RGZ
–40
°C to 85°C
AZ5560
ADS5560IRGZT
Tape and Reel,
small
ADS5560IRGZR
Tape and Reel,
large
(1)
θ
JA = 25.41 °C/W (0 LFM Air Flow), θJC = 16.5 °C/W when used with 2 oz. copper trace and the thermal pad is soldered directly to a
JEDEC standard four layer 3 in. x 3 in. (7.62 cm x 7.62 cm) PCB. Thermal pad is 5.2 x 5.2 mm. Please see mechanical drawings in the
back of the datasheet for details.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com