Electronic Components Datasheet Search
  English  ▼

X  

LM360MX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM360MX
Description  Homogeneous Material Composition Declaration for Electronic Products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM360MX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM360MX Datasheet HTML 1Page - National Semiconductor (TI) LM360MX Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DUNS#
04-147-2986
Contact
Phone
Steve Osborne
1-408-721-7838
MSL Rating
Peak Body Temp C
MaxTime (Sec)
Cycles
Unit Type
1
260
40
4
Each
Document Date
Weight (mg)
26-Apr-2008
69.76
Item
Weight (mg)
Component
CAS#
Weight (mg)
Item-ppm
Part-ppm
Plastic
44.71 SiO2
60676-86-0
36.215
810,000
519,138
Epoxy Resin
25928-94-3
7.243
162,000
103,828
Sb2O3
1309-64-4
0.894
20,000
12,818
Brominated Epoxy
40039-93-8
0.358
8,000
5,127
Leadframe
20.56 Cu
7440-50-8
20.036
974,500
287,209
Fe
7439-89-6
0.493
24,000
7,073
Zn
7440-66-6
0.025
1,200
354
P
7723-14-0
0.006
300
88
Chip
2.36 Si
7440-21-3
2.346
994,000
33,627
Al
7429-90-5
0.014
6,000
203
Ext. LeadFinish
1.60 Sn
7440-31-5
1.600
1,000,000
22,936
Die Attach
0.27 Ag
7440-22-4
0.203
750,000
2,903
Epoxy Resin
25928-94-3
0.068
250,000
968
Int. LeadFinish
0.18 Ag
7440-22-4
0.180
1,000,000
2,580
Wires
0.08 Au
7440-57-5
0.080
1,000,000
1,147
RoHS Directive
2002/95/EC
Gerry Fields
Vice President Quality
China RoHS Compliant
RoHS Material Composition Declaration
RoHS Definition: Quantity limit of 0.1% by mass (1000 PPM) in homogeneous material for: Lead (Pb), Mercury, Hexavalent
Chromium, Polybrominated Biphenyls (PBB), Polybrominated Diphenyl Ethers (PBDE) and quantity limit of 0.01% by mass
(100 PPM) of homogeneous material for Cadmium
http://www.national.com/quality/green/
URL for Additional Information
Note: The device content disclosed herewith is approximate and is based on engineering estimates only. It has not been verified through analytical testing.
Additionally, the following should be noted:
1. One or more dopant materials may be present in the silicon die at sub-ppm levels to provide semiconductor properties.
2. Epoxy resin components listed are generic and may or may not be the specific compound used, which is considered proprietary.
Part Number
Homogeneous Material Composition Declaration for Electronic Products
European RoHS Compliant.
LM360MX
NOPB
Company
Green.Project@nsc.com
Email
National Semiconductor
Product Ecology Engineer
Title
Subject to the limitations below, National Semiconductor Corporation (“National”) certifies the following information as of the document date.
1. National products designated “ROHS Compliant” comply with the European Union’s Directive on the Restriction of the Use of Hazardous Substances
2002/95/EC (“RoHS”). These products do not contain Joint Industry Guide (JIG) -101 Level A substances above threshold limits, except lead in RoHS
exempt applications 5, 7a and 7c. These products do not contain perfluorooctane sulfonates (PFOS).
2. National products are manufactured in conformance with National specifications (SC) CSP-9-111C1 Supplier Environmental Requirements for
Materials and Products and (SC) CSP-9-111S2 List of Banned and Reportable Substances, which are available at www.national.com/quality/green/.
National has taken commercially reasonable steps to provide representative and accurate information but may not have independently verified information
provided or conducted chemical analysis of incoming materials. Equivalent compliant materials may have been substituted for those stated herein.
Material concentrations are the maximum expected concentration of the substances in the device and may not represent the actual concentration. National
and its suppliers consider certain limited information to be confidential and thus CAS numbers and other limited information may not be available for
release. National’s Standard Terms and Conditions of Sale apply to any issues arising out of or in connection with the information provided herein unless
otherwise provided by a written contract signed by both parties.
NATIONAL ACCEPTS NO DUTY TO NOTIFY USERS OF THIS DECLARATION OF UPDATES OR CHANGES TO THIS DECLARATION.
National Semiconductor
Page 1 of 2


Similar Part No. - LM360MX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM360MX TI1-LM360MX Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM360MX TI1-LM360MX Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM360MX TI2-LM360MX Datasheet
576Kb / 17P
LM160/LM360 High Speed Differential Comparator
REVISED MARCH 2013
LM360MX/NOPB TI1-LM360MX/NOPB Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM360MX/NOPB TI2-LM360MX/NOPB Datasheet
576Kb / 17P
LM160/LM360 High Speed Differential Comparator
REVISED MARCH 2013
More results

Similar Description - LM360MX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SM BOURNS-MF-SM Datasheet
116Kb / 1P
MATERIAL DECLARATION
MF-SM-250 BOURNS-MF-SM-250 Datasheet
573Kb / 1P
MATERIAL DECLARATION
MF-SM-250V BOURNS-MF-SM-250V Datasheet
143Kb / 1P
MATERIAL DECLARATION
C650-180-WH BOURNS-C650-180-WH Datasheet
123Kb / 1P
MATERIAL DECLARATION SHEET
P650-U260-WH BOURNS-P650-U260-WH Datasheet
123Kb / 1P
MATERIAL DECLARATION
P850-G120-WH BOURNS-P850-G120-WH Datasheet
123Kb / 1P
MATERIAL DECLARATION SHEET
3315Y-L BOURNS-3315Y-L Datasheet
40Kb / 2P
MATERIAL DECLARATION
logo
Xilinx, Inc
PK099 XILINX-PK099 Datasheet
102Kb / 2P
100% Material Declaration
PK100 XILINX-PK100 Datasheet
91Kb / 2P
100% Material Declaration
PK103 XILINX-PK103 Datasheet
91Kb / 2P
100% Material Declaration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com