Electronic Components Datasheet Search
  English  ▼

X  

K50-3CS-SE Datasheet(PDF) 5 Page - Kyocera Kinseki Corpotation

Part # K50-3CS-SE
Description  Clock Crystal Oscillators Surface Mount Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

K50-3CS-SE Datasheet(HTML) 5 Page - Kyocera Kinseki Corpotation

  K50-3CS-SE Datasheet HTML 1Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 2Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 3Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 4Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 5Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 6Page - Kyocera Kinseki Corpotation K50-3CS-SE Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Handling Notes for Crystal Oscillators
(1)The minlature crystal oscillator for the clock utillzes a C-MOS IC and incorporates a protective circuit against static electricity
However, exerclse care in the same manner as for a normal C
−MOS IC.
(2)Internal capacitor is not provided in the power supply section (
+DC−GNC).
To serve as overimpressed voltage and overcurrent protective device, place a bypass capacitor (0.01
µF) as near as possible
to the (
+DC−GND) terminal.
However, the capacity value is meant as a guideline.
Depending on the capacitor type, frequency characteristics vary. Accordingly, use a capacitor that matches the frequency
characteristics.
(3)Applying reverse voltage could result in damage to internal parts. Take care not to connect terminals incorrectly.
(4)Please do not use oscillators under unfavorable condition such as beyond specified range in catalog or specification sheet.
(5)Please keep oscillators away from water, salt water or harmful gas.
(6)K50H-3C / FSO series should be stored in humidity-controlled area after the package is unsealed, in temperature
+25±5˚C
under humidity of 65%RH, and should be mounted on PCB within 7 days.
(7)K50H-3C / FSO series has Bypass Capacitior between VDD and GND.
Test Circuits and Clock Timing Chart
Note) Maximum load(Includes capacitances of fixture and probe)
CMOS Output Test Circuits
6. In order to use crystal oscillators
Clock Timing chart(C-MOS Output)
LV-PECL Output Test Circuits
Clock Timing chart (LV-PECL Output)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com