Electronic Components Datasheet Search
  English  ▼

X  

HAT2035R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT2035R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2035R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT2035R Datasheet HTML 1Page - Renesas Technology Corp HAT2035R Datasheet HTML 2Page - Renesas Technology Corp HAT2035R Datasheet HTML 3Page - Renesas Technology Corp HAT2035R Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HAT2035R
Rev.1.00 Jun. 09, 2005, page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to Source breakdown
voltage
V(BR)DSS
150
—
—
V
ID = 10 mA, VGS = 0
Gate to Source breakdown voltage V(BR)GSS
±15
—
—
V
IG =
±100 µA, VDS = 0
Gate to Source leak current
IGSS
—
—
±10
µA
VGS =
±12 V, VDS = 0
Zero Gate voltage Drain current
IDSS
—
—
5
µA
VDS = 150 V, VGS = 0
Gate to Source cutoff voltage
VGS(off)
1.0
—
2.1
V
VDS = 10 V, ID = 1 mA
RDS(on)
—
1.6
2.2
Ω
ID = 0.5 A, VGS = 10 V
Note4
RDS(on)
—
1.9
2.7
Ω
ID = 0.5 A, VGS = 4 V
Note4
Static Drain to Source on state
resistance
RDS(on)
—
2.4
5.5
Ω
ID = 2 A, VGS = 5 V
Note4
Forward transfer admittance
|yfs|
0.56
0.86
—
S
ID = 0.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
—
95
—
pF
Output capacitance
Coss
—
42
—
pF
Reverse transfer capacitance
Crss
—
11
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
9
—
ns
Rise time
tr
—
16
—
ns
Turn-off delay time
td(off)
—
18
—
ns
Fall time
tf
—
14
—
ns
VGS = 5 V, ID = 0.5 A,
VDD
≅ 30 V
Body–Drain diode forward voltage
VDF
—
0.9
1.4
V
IF = 0.5 A, VGS = 0
Note4
Body–Drain diode reverse
recovery time
trr
—
90
—
ns
IF = 0.5 A, VGS = 0
diF/ dt = 50 A/
µs
Notes: 4. Pulse test



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com