Electronic Components Datasheet Search
  English  ▼

X  

XEN2EG22 Datasheet(PDF) 2 Page - ABB

Part # XEN2EG22
Description  REC LED SIGN SLAVE LTC 230VAC 22M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

XEN2EG22 Datasheet(HTML) 2 Page - ABB

  XEN2EG22 Datasheet HTML 1Page - ABB XEN2EG22 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Legend style
Insert sheet/plate
Recognition distance (m)
22
Power Consumption Maintained mode (W)
4
Power Consumption Maintained mode (VA)
4.4
Nominal current (mA)
19
Inrush Current (A to 0.1ms)
Power Factor
0.9
Temperature range (°C)
0 to 35°C
Weight (Kg)
1.2
Packaging
Cardboard box
Packaging dimensions (LxWxH) (mm)
300 x 205 x 88
Accessories
XEN2EG22 Down ISO7010 Legend Single Sided
XEN3EG22 Left ISO7010 Legend Single Sided
XEN6EG22 Right ISO7010 Legend Single Sided
XEN5EG22 Up ISO7010 Legend Single Sided
XBN1EG22 Arabic English Legend Single Sided
XEN0G22 Blank Legend Single Sided
XEN602EG22 Down ISO7010 Legend Flag Mount
XEN603EG22 Left ISO7010 Legend Flag Mount
XEN606EG22 Right ISO7010 Legend Flag Mount
XEN605EG22 Up ISO7010 Legend Flag Mount
EG-T4SG Cover Discs (2x semi-circular, 2x rectangular) for Self-Contained
EG-T4EG Cover Discs (2x semi-circular, 2x rectangular) for Slave
EG-TKIT50 Suspension Kit Pendant 50mm
EG-TKIT100 Suspension Kit Pendant 100mm
EG-WKIT150 Wire Suspension Kit 150mm
EMERGI-LITE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com