Electronic Components Datasheet Search
  English  ▼

X  

BA100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA100
Description  ADAPTOR BNC M/BNC M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.26 32.11
2X BNC PLUG
NOTES:
BODY: BRASS NICKEL PLATE
CENTER PIN: BRASS GOLD PLATE
SPRING: STEEL NICKEL
WASHER: STEEL NICKEL
C TYPE WASHER: STEEL NICKEL
GASKET: PVC
INSULATOR: DERLIN
BNC SHELL: BRASS NICKEL
IMPEDANCE: 50 OHMS
FREQUENCY: 0-4 GHz
VOLTAGE: 500 VOLTS PEAK
VSWR: 1.3 MAX
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA100
B
BA100.SLDDRW
1
1
MCCORMICK
03/28/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
03/28/02
03/28/02
03/28/02
A
B
RELEASED FOR PRODUCTION
ECN 3112: UPDATE DWG FORMAT
12/14/07
MCCORMICK
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR BNC M/BNC M
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA100

ManufacturerPart #DatasheetDescription
logo
FLEXTRAL
BA10 FLEXTRAL-BA10 Datasheet
328Kb / 1P
Air Transfer
V04.21
BA10-025 FLEXTRAL-BA10-025 Datasheet
328Kb / 1P
Air Transfer
V04.21
BA10-038 FLEXTRAL-BA10-038 Datasheet
328Kb / 1P
Air Transfer
V04.21
BA10-075 FLEXTRAL-BA10-075 Datasheet
328Kb / 1P
Air Transfer
V04.21
BA10-200 FLEXTRAL-BA10-200 Datasheet
328Kb / 1P
Air Transfer
V04.21
More results

Similar Description - BA100

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7207 POMONA-7207 Datasheet
227Kb / 2P
BNC (M) 50 廓
5085 POMONA-5085 Datasheet
22Kb / 1P
BNC Shorting Cap (M)
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Mini-Circuits
SM-BM50 MINI-SM-BM50 Datasheet
216Kb / 1P
SMA-M to BNC-M
logo
Vitesse Semiconductor C...
SD758-36-101 VITESSE-SD758-36-101 Datasheet
74Kb / 1P
CAP ASSY, BNC ,M
logo
Winchester Electronics ...
SD758-36-101 WINCHESTER-SD758-36-101 Datasheet
74Kb / 1P
CAP ASSY, BNC ,M
SDKC-79-59 WINCHESTER-SDKC-79-59 Datasheet
49Kb / 1P
RECEPTACLE, BULKHEAD, BNC, M
7584023 WINCHESTER-7584023 Datasheet
63Kb / 1P
CAP, BNC, M
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com