Electronic Components Datasheet Search
  English  ▼

X  

BA130 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA130
Description  "F" PLUG TO UHF JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA130 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA130 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.11 28.2
UHF JACK
"F" PLUG
5/8-24 UNEF
.47 11.9
SPECIFICATIONS;
MATERIALS;
BODY: BRASS
CONTACTS: BRASS
INSULATOR: DELRIN
COUPLING NUT: BRASS
FINISH;
SHELL: NICKEL
CONTACT: NICKEL
COUPLING NUT: NICKEL
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA130
C
BA130.SLDDRW
1
1
C.MCCORMICK
11/28/2001
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
11/28/2001
11/28/2001
12/13/01
A
B
RELEASED FOR PRODUCTION
REVISED LENGTH FROM 1.24 (ECN 1488)
09/08/03
MCCORMICK
MCCORMICK
C
ECN 3119: UPDATE DWG FORMAT
12/18/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
"F" PLUG TO UHF JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA130

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA130 FAIRCHILD-BA130 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
Interface Driver for microcomputer peripheral and display devices
More results

Similar Description - BA130

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
73058 POMONA-73058 Datasheet
104Kb / 1P
UHF Jack to Jack Adapter
logo
Pasternack Enterprises,...
PE9165 PASTERNACK-PE9165 Datasheet
102Kb / 1P
F FEMALE TO UHF MALE
PE9701 PASTERNACK-PE9701 Datasheet
77Kb / 1P
FME PLUG TO UHF MALE
PE9709 PASTERNACK-PE9709 Datasheet
74Kb / 1P
FME JACK TO MINI UHF MALE
logo
Amphenol Corporation
83-1F AMPHENOL-83-1F Datasheet
188Kb / 1P
TITLE UHF JACK TO JACK ADAPTOR
242154 AMPHENOL-242154 Datasheet
54Kb / 1P
BNC PLUG TO F JACK ADAPTER
242159 AMPHENOL-242159 Datasheet
33Kb / 1P
BNC JACK TO F PLUG ADAPTER
242160 AMPHENOL-242160 Datasheet
34Kb / 1P
BNC PLUG TO F PLUG ADAPTER
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com