Electronic Components Datasheet Search
  English  ▼

X  

BA132 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA132
Description  ADAPTOR TEE F F/F F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA132 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA132 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.64 41.66
.71 17.97
3X 3/8-32 UNEF
3X TYPE "F" JACK
SPECIFICATIONS;
MATERIALS;
SHELL: BRASS
CONTACTS: PHOSPHORUS BRONZE
INSULATOR: POLYPROPYLENE
FINISH;
SHELL: NICKEL
CONTACT: TIN
ELECTRICAL;
CHARACTERISTIC IMPEDANCE: 75 OHMS
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA132
B
BA132.SLDDRW
1
1
C.MCCORMICK
04/07/2003
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
04/07/2003
04/07/2003
04/07/03
A
B
INITIAL RELEASE
ECN 3119: UPDATE DWG FORMAT
12/14/07
MCCORMICK
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR TEE F F/F F
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA132

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1320 ROHM-BA1320 Datasheet
313Kb / 3P
FM Stereo Multiplexer
More results

Similar Description - BA132

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
2401 POMONA-2401 Datasheet
29Kb / 1P
Size A Aluminum Box With Cover BNC TEE F-F-M
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-3 VITESSE-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
logo
Winchester Electronics ...
SD759-3 WINCHESTER-SD759-3 Datasheet
45Kb / 1P
ADPT, F-M-F, TEE, BNC
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-31 WINCHESTER-SDKC-99-31 Datasheet
43Kb / 1P
ADPT, F-M-F, TEE BNC
SDKC-99-52 WINCHESTER-SDKC-99-52 Datasheet
49Kb / 1P
ADPT, F-M-F, TEE BNC
KC-99-108M06 WINCHESTER-KC-99-108M06 Datasheet
47Kb / 1P
ADPT, M-F-F, TEE, BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com