Electronic Components Datasheet Search
  English  ▼

X  

BA140 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA140
Description  RCA PLUG TO UHF JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA140 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA140 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.42 36
.40 10.2
.13 3.2
.33 8.4
UHF JACK
RCA PLUG
5/8-24 UNEF
NOTES:
MATERIAL:
BODY: NICKEL PLATED BRASS
INSULATOR: DELRIN
CONTACT: NICKEL PLATED BRASS
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA140
B
BA140.SLDDRW
1
1
MCCORMICK
11/28/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
11/28/01
11/28/01
12/13/01
A
.
RELEASED FOR PRODUCTION
.
.
MCCORMICK
.
.
.
.
.
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RCA PLUG TO UHF JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA140

ManufacturerPart #DatasheetDescription
logo
Rohm
BA1404 ROHM-BA1404 Datasheet
136Kb / 4P
Fm Stereo Transmitter
logo
List of Unclassifed Man...
BA1404 ETC2-BA1404 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA1404F ROHM-BA1404F Datasheet
136Kb / 4P
Fm Stereo Transmitter
More results

Similar Description - BA140

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Pasternack Enterprises,...
PE38135-BK PASTERNACK-PE38135-BK Datasheet
126Kb / 1P
CABLE ASSEMBLY PE-B159 75 OHM HD PRECISION RCA JACK BULKHEAD TO RCA PLUG
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
CUI INC
RCJ-21XX CUI-RCJ-21XX Datasheet
159Kb / 3P
RCA JACK
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA05RCAB SWITCH-RCA05RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
RCA PLUG TO RCA PLUG, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com