Electronic Components Datasheet Search
  English  ▼

X  

BA170 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA170
Description  ADAPTOR UHF F/UHF F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA170 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA170 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.09 27.6
2X 5/8-24 UNEF
NOTES:
MATERIAL:
BODY: NICKEL PLATED BRASS
INSULATOR: DELRIN
CONTACTS: NICKEL PLATED BRASS
2X UHF JACK
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA170
B
BA170.SLDDRW
1
1
MCCORMICK
12/05/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
12/05/01
12/05/01
12/13/01
A
B
RELEASED FOR PRODUCTION
ECN 3119: UPDATE DWG FORMAT
12/14/07
MCCORMICK
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR UHF F/UHF F
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA170

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA1700K L-COM-BA1700K Datasheet
75Kb / 1P
ADAPTER KIT BNC
11/27/01
logo
Rohm
BA1701 ROHM-BA1701 Datasheet
135Kb / 9P
VSC system processor IC
More results

Similar Description - BA170

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6800 POMONA-6800 Datasheet
158Kb / 1P
F (M/F) Right Angle, F(M/F), F (F/F) Bulkhead, F (F) PCB
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Winchester Electronics ...
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
logo
Pasternack Enterprises,...
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9096 PASTERNACK-PE9096 Datasheet
246Kb / 3P
UHF Male to UHF Male Adapter
PE9165 PASTERNACK-PE9165 Datasheet
102Kb / 1P
F FEMALE TO UHF MALE
PE9167 PASTERNACK-PE9167 Datasheet
243Kb / 2P
50 Ohm UHF Female to 75 Ohm F Female Adapter
logo
Amphenol Corporation
83-1F AMPHENOL-83-1F Datasheet
188Kb / 1P
TITLE UHF JACK TO JACK ADAPTOR
logo
Rosenberger Hochfrequen...
51S154-K00N5 ROSENBERGER-51S154-K00N5 Datasheet
45Kb / 2P
ADAPTOR BNC PLUG ??UHF JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com