Electronic Components Datasheet Search
  English  ▼

X  

BA20 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA20
Description  ADAPTOR RA SMA M/ SMA F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA20 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA20 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.60 15.2
.66 16.7
SMA JACK
SMA PLUG
2X TEFLON INSULATION
2X GOLD PLATED
CENTER CONTACTS
.312 HEX
NOTES:
MATERIAL: NICKEL PLATED BRASS
RECOMMENDED COUPLING NUT TORQUE 5 IN-LBS
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA20
D
BA20.SLDDRW
1
1
MCCORMICK
06/05/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
06/06/01
06/06/01
06/06/01
A
B
RELEASED FOR PRODUCTION
REVISED TOLERANCES
11/12/04
MCCORMICK
MCCORMICK
C
ECN 2554: ADDED NOTE 2
9/7/2006
J. KIEZULAS
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 3124: UPDATE DWG FORMAT
12/19/07
D.GRIFFIN
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR RA SMA M/ SMA F
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA20

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA20-N L-COM-BA20-N Datasheet
309Kb / 3P
Coaxial 50 Ohm Right Angle Adapter, SMA Female / Male, Nickel Plated
logo
Fuji Electric
BA201 FUJI-BA201 Datasheet
8Kb / 1P
FAST RECOVERY DIODE
logo
List of Unclassifed Man...
BA201 ETC-BA201 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Shenzhen Bencent Electr...
BA201N BENCENT-BA201N Datasheet
261Kb / 3P
Low Capacitance and Insertion Loss
logo
List of Unclassifed Man...
BA202 ETC-BA202 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA20

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72977 POMONA-72977 Datasheet
121Kb / 1P
SMA (M) TO SMB (F)
72978 POMONA-72978 Datasheet
124Kb / 1P
SMA (F) TO SMB (M)
logo
Mini-Circuits
NF-SM50 MINI-NF-SM50 Datasheet
230Kb / 1P
N-F to SMA-M
SF-BM50 MINI-SF-BM50 Datasheet
211Kb / 1P
SMA-F to BNC-M
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
logo
Winchester Electronics ...
SD1209-1-15-MA9 WINCHESTER-SD1209-1-15-MA9 Datasheet
245Kb / 1P
ADAPTER, M-F N-SMA
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
logo
Taoglas antenna solutio...
PCB-RPSMAFRA-HT TAOGLAS-PCB-RPSMAFRA-HT Datasheet
245Kb / 3P
RP-SMA(F)RA PCB Mount Jack Connector
logo
Mini-Circuits
BLK-18W MINI-BLK-18W Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
logo
PHOENIX CONTACT
2917324 PHOENIX-2917324 Datasheet
45Kb / 2P
Adapter - RAD-ADP-SMA/F-SMA/M-90
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com