Electronic Components Datasheet Search
  English  ▼

X  

BA22 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA22
Description  ADAPTOR SMA M/SMA M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA22 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA22 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMA MALE
(2X)
1/4-36UNS-2B
1/4-36UNS-2B
REF.
19.2
.76
8.4
.33
.33
8.4
.216 [5.5] ON FLATS
.31
7.8
.31
7.8
MAY OCCUR
06/05/2001
A
B
C
C.MCCORMICK
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA22
G
BA22.SLDDRW
11
D.PARHAM
06/05/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
R.CARRICK
06/05/2001
10/26/09
E
F
ECN 4323: UPDATE DIMENSIONS AND NOTES
ECN 5736: REVISED DRAWING TO MATCH VENDOR
9/27/11
D.FRISIELLO
D.FRISIELLO
G
ECN 8452 UPDATE DRAWING TO MATCH VENDOR
08/16/16
B.PUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR SMA M/SMA M
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
DIMENSIONAL TOLERANCES:
.X = ±.1 [2.54]
.XX = ±.01 [.25]
.XXX = ±.005 [.13]
ANGULAR TOLERANCES:
ALL = ± 1°
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
Au 2 µ" MIN/OVER Ni 120 µ" MIN/OVER Cu 20 µ" MIN
SHELL
BRASS
Au 2 µ" MIN/OVER Ni 120 µ" MIN/OVER Cu 20 µ" MIN
CENTER PIN
BRASS
Au 20 µ" MIN/OVER Ni 120 µ" MIN/OVER Cu 20 µ" MIN
INSULATOR
PTFE
-
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: 0 ~ 18 GHz
VSWR : 1.2 MAX
VOLTAGE RATING: 500 VRMS MAX.
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VOLTS RMS MIN.
PACKAGING:
COMPONENTS SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATIONS PS-0031.
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
H.31
8


Similar Part No. - BA22

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
High-speed diode
1996 Sep 03
BA221 PHILIPS-BA221 Datasheet
39Kb / 7P
High-speed diode
1996 Sep 03
logo
List of Unclassifed Man...
BA222 ETC2-BA222 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Edal Industries, Inc.
BA223 EDAL-BA223 Datasheet
731Kb / 2P
Sub-Miniature High Voltage Rectifiers
logo
List of Unclassifed Man...
BA223 ETC2-BA223 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BA22

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72976 POMONA-72976 Datasheet
141Kb / 1P
SMA (M) TO SMB (M)
logo
Mini-Circuits
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
SM-BM50 MINI-SM-BM50 Datasheet
216Kb / 1P
SMA-M to BNC-M
logo
Winchester Electronics ...
SD879-2-1 WINCHESTER-SD879-2-1 Datasheet
51Kb / 1P
SMA ADAPTER (M-M)
SD1209-2-15-MA9 WINCHESTER-SD1209-2-15-MA9 Datasheet
79Kb / 1P
N (F) TO SMA (M) ADAPTOR
logo
Mini-Circuits
BLK-18W MINI-BLK-18W Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
logo
TE Connectivity Ltd
C-2016655 TEC-C-2016655 Datasheet
177Kb / 1P
RF CA,SMA M TO SMA M,WITHOUT ARMOR 18GHz
C-2016656 TEC-C-2016656 Datasheet
179Kb / 1P
RF CA, SMA M TO SMA M,18GHz
logo
Amphenol Corporation
7029-3436 AMPHENOL-7029-3436 Datasheet
87Kb / 1P
SMA STR. M TO SMA STR. M 12
logo
Amphenol SV Microwave
7029-3821 SVMICROWAVE-7029-3821 Datasheet
268Kb / 1P
SMA STR. M TO SMA STR. M SV87LL CABLE ASSEMBLY
06/02/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com