Electronic Components Datasheet Search
  English  ▼

X  

BA27 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA27
Description  SMA PLUG TO UHF JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA27 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA27 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.1 [28]
5/8-24 1.1 [28] UNEF-2A
NOTES:
MATERIAL:
BODY: BRASS
DIELECTRIC: ACETAL
CENTER PIN: BRASS
FINISH:
BODY: NICKEL PLATED
CENTER PIN: GOLD PLATED
.31 [8]
SMA PLUG
1/4-36 UNS-2B
.62 [15.7]
UHF JACK
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA27
C
BA27.SLDDRW
1
1
TJC
4/22/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
DFP
CM
4/24/02
4/24/02
5/7/02
A
B
RELEASED FOR PRODUCTION
REVISED TOLERANCE CHANGED BODY FINISH (ECN 1498)
09/12/03
TJC
MCCORMICK
C
ECN 3128: UPDATE DWG FORMAT
12/20/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
SMA PLUG TO UHF JACK
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA27

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA270 L-COM-BA270 Datasheet
122Kb / 1P
RCA MALE TO UHF MALE ADAPTORS
12/03/01
logo
List of Unclassifed Man...
BA2767S ETC1-BA2767S Datasheet
375Kb / 3P
Motor speed and phase control
logo
NXP Semiconductors
BA277 PHILIPS-BA277 Datasheet
46Kb / 8P
Band-switching diode
1998 May 06
logo
Leshan Radio Company
BA277 LRC-BA277 Datasheet
91Kb / 2P
Band-switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
More results

Similar Description - BA27

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
List of Unclassifed Man...
ADT-2594-MM-SMA-02 ETC2-ADT-2594-MM-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
ADT-2595-FF-SMA-02 ETC2-ADT-2595-FF-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
1319505 ETC2-1319505 Datasheet
81Kb / 1P
SMA JACK TO N PLUG ADAPTER
logo
Winchester Electronics ...
110-351-0000N WINCHESTER-110-351-0000N Datasheet
106Kb / 1P
QC-SMAPLUG TO SMA JACK ADAPTER(ROHS)
logo
Adam Technologies, Inc.
RF2-500-10 ADAM-TECH-RF2-500-10 Datasheet
62Kb / 1P
SMA JACK TO SMA JACK
logo
Amphenol Corporation
242174 AMPHENOL-242174 Datasheet
30Kb / 1P
SMA PLUG TO SMC JACK ADAPTOR
logo
Linx Technologies
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com