Electronic Components Datasheet Search
  English  ▼

X  

BA270 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA270
Description  RCA MALE TO UHF MALE ADAPTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA270 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA270 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.42 36
.71 18
BNC PLUG
NOTES:
MATERIAL:
BODY: NICKEL PLATED BRASS
INSULATOR: DELRIN
CONTACT: GOLD PLATED BRASS
UHF PLUG
5/8-24 UNEF INTERNAL
THREAD
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA270
C
BA270.SLDDRW
1
1
MCCORMICK
12/03/01
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
12/04/01
12/04/01
12/13/01
A
B
RELEASED FOR PRODUCTION
ECN 2858: CENTER PIN PLATING WAS NICKEL
5/21/07
MCCORMICK
D.GRIFFIN
C
ECN 3128: UPDATE DWG FORMAT
12/27/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RCA MALE TO UHF MALE ADAPTORS
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA270

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA27 L-COM-BA27 Datasheet
115Kb / 1P
SMA PLUG TO UHF JACK
4/22/02
logo
List of Unclassifed Man...
BA2767S ETC1-BA2767S Datasheet
375Kb / 3P
Motor speed and phase control
logo
NXP Semiconductors
BA277 PHILIPS-BA277 Datasheet
46Kb / 8P
Band-switching diode
1998 May 06
logo
Leshan Radio Company
BA277 LRC-BA277 Datasheet
91Kb / 2P
Band-switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
More results

Similar Description - BA270

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9096 PASTERNACK-PE9096 Datasheet
246Kb / 3P
UHF Male to UHF Male Adapter
PE9113 PASTERNACK-PE9113 Datasheet
74Kb / 1P
UHF MALE TO MALE
PE9201 PASTERNACK-PE9201 Datasheet
240Kb / 2P
UHF Male to BNC Male Adapter
logo
Adam Technologies, Inc.
RF1-32-D-XX-75 ADAM-TECH-RF1-32-D-XX-75 Datasheet
98Kb / 1P
BNC MALE TO RCA FEMALE
logo
Pasternack Enterprises,...
PE3796LF PASTERNACK-PE3796LF Datasheet
270Kb / 1P
CABLE ASSEMBLY UHF MALE TO UHF MALE
PE3623LF PASTERNACK-PE3623LF Datasheet
103Kb / 1P
CABLE ASSEMBLY, RG8A/U, UHF MALE TO UHF MALE
PE3635 PASTERNACK-PE3635 Datasheet
103Kb / 1P
CABLE ASSEMBLY, RG213/U, UHF MALE TO UHF MALE
PE3743 PASTERNACK-PE3743 Datasheet
91Kb / 1P
CABLE ASSEMBLY, RG400/U, UHF MALE TO UHF MALE
PE3015-48 PASTERNACK-PE3015-48 Datasheet
103Kb / 1P
cable assembly, rg58c/u, uhf male to uhf male
PE3015-60 PASTERNACK-PE3015-60 Datasheet
103Kb / 1P
cable assembly, rg58c/u, uhf male to uhf male
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com