Electronic Components Datasheet Search
  English  ▼

X  

BA28 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA28
Description  SMA PLUG TO BNC PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA28 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA28 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.21
30.7
50 Ohm
BNC PLUG
SMA PLUG
5/16 HEX
NOTES:
MATERIAL:
1.
BODY: BRASS.
CENTER PIN: BRASS.
INSULATOR: ACETAL OR EQUIVALENT.
FINISH:
2.
BODY: NICKEL PLATED.
CENTER PIN: GOLD PLATED.
ELECTRICAL:
3.
VSWR 1.6 MAX. UNDER 4 GHZ.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
F
ECO-14604
05/28/2025
KGLEBOVA
DWANG
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
BA28
F
SMA PLUG TO BNC PLUG
TJC
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - BA28

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA280 L-COM-BA280 Datasheet
66Kb / 1P
UHF PLUG TO UHF PLUG
12/03/01
logo
Vishay Siliconix
BA282 VISHAY-BA282 Datasheet
34Kb / 3P
Silicon Planar Diodes
01-Apr-99
BA282 VISHAY-BA282 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
logo
SHENZHEN YONGERJIA INDU...
BA282 WINNERJOIN-BA282 Datasheet
90Kb / 2P
Band switching diode
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
More results

Similar Description - BA28

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135101-01-06.00 AMPHENOL-135101-01-06.00 Datasheet
46Kb / 1P
SMA PLUG TO SMA PLUG, RG316
135101-02-06.00 AMPHENOL-135101-02-06.00 Datasheet
40Kb / 1P
SMA PLUG TO SMA PLUG, RG174
135101-04-06.00 AMPHENOL-135101-04-06.00 Datasheet
41Kb / 1P
SMA PLUG TO SMA PLUG, RG58
CAPH-HDBNCP-SMAP AMPHENOL-CAPH-HDBNCP-SMAP Datasheet
141Kb / 1P
50 OHM HD BNC PLUG TO SMA PLUG ADAPTER
logo
List of Unclassifed Man...
115101-19-06.00 ETC2-115101-19-06.00 Datasheet
213Kb / 1P
BNC CRIMP PLUG TO BNC CRIMP PLUG
logo
Molex Electronics Ltd.
0733860013 MOLEX11-0733860013 Datasheet
29Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Plug
logo
Rosenberger Hochfrequen...
32S151-S00L5 ROSENBERGER-32S151-S00L5 Datasheet
361Kb / 2P
ADAPTOR SMA PLUG ??BNC 50 W PLUG
logo
Pasternack Enterprises,...
PE3480-18 PASTERNACK-PE3480-18 Datasheet
645Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
logo
Bel Fuse Inc.
VA230 BEL-VA230 Datasheet
790Kb / 1P
Euro Plug to BNC Plug
logo
Molex Electronics Ltd.
0733860013 MOLEX-0733860013_V01 Datasheet
29Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com