Electronic Components Datasheet Search
  English  ▼

X  

BA307-75 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA307-75
Description  ADAP AUTO TERM BNC F 75 OHM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA307-75 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA307-75 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.94
.470
.505
12.83
INTERNAL TOOTH
LOCK WASHER
1/2-28 X 14MM
HEX NUT
2X BNC JACK
1/2-28 UNEF-2A
WITH "D" FLAT
1.28
32.6
.47
11.9
.69
17.5
NOTES:
1. BNC PLUGS MUST BE INSTALLED ON BOTH JACKS TO
DISCONNECT 75-OHM 1/4-WATT TERMINATING RESISTOR
BETWEEN OUTER SHELL AND CENTER CONDUCTOR. FOR
SIGNAL LEVEL ENERGY ONLY.
2. COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
8
4
5
NONE
FSCM NO.
COLOR VARIATIONS
DRAWING REPLACES BA307-75-OD1
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
NORTH ANDOVER, MA
8
ADAP AUTO TERM BNC F 75 OHM
A
B
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
DFP
A
CATEGORY
43321
CM
A
BA307-75
5/28/02
1
APPROVED
5/14/02
5/25/02
REV
7/3/14
D.FRISIELLO
REVISIONS
BA307-75.SLDDRW
DESCRIPTION
6
DATE
1
MAY VARY
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
AUDIO/VIDEO
3
4
5
6
7
3
7
PROJECTION
UNLESS OTHERWISE SPECIFIED,
TJC
UNDIMENSIONED FEATURES
MAY OCCUR
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
RECOMMENDED
PANEL OPENING
DESCRIPTION
MATERIAL
PLATING
BODY
ZINC ALLOY DIE CASTING
NICKEL
DIELECTRIC
ACETAL
N/A
CENTER PINS
BRASS
GOLD


Similar Part No. - BA307-75

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA307 L-COM-BA307 Datasheet
50Kb / 1P
BNC 50-OHM TERMINATED ADAPTOR
5/14/02
More results

Similar Description - BA307-75

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
logo
Pasternack Enterprises,...
PE9150 PASTERNACK-PE9150 Datasheet
247Kb / 3P
50 Ohm BNC Male to 75 Ohm F Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9741 PASTERNACK-PE9741 Datasheet
107Kb / 1P
75 OHM BNC MALE TO F FEMALE
PE9743 PASTERNACK-PE9743 Datasheet
106Kb / 1P
75 OHM BNC FEMALE TO F MALE
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9152 PASTERNACK-PE9152 Datasheet
237Kb / 2P
50 Ohm BNC Male to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com