Electronic Components Datasheet Search
  English  ▼

X  

BA36 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA36
Description  SMA JACK TO UHF PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA36 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA36 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.09 [27.7]
1/4-36 UNS-2B
SMA JACK
.71 [18]
UHF PLUG
.625-24 UNEF-2B
NOTES:
MATERIAL:
BODY: BRASS
DIELECTRIC: TEFLON
CENTER PIN: BRASS
CENTER CONTACT: PHOSPHORUS BRONZE
FINISH:
BODY: NICKEL PLATED
CENTER PIN: GOLD PLATED
CENTER CONTACT: GOLD PLATED
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA36
C
BA36.SLDDRW
1
1
TJC
5/10/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
DFP
CM
5/10/02
5/13/02
5/24/02
A
B
RELEASED FOR PRODUCTION
ECN 1631 REVISED PLATING AND DIELECTRIC MATERIAL
1/05/04
TJC
MCCORMICK
C
ECN 3128: UPDATE DWG FORMAT
12/20/07
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
SMA JACK TO UHF PLUG
COAIXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA36

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BA36-12GWA KINGBRIGHT-BA36-12GWA Datasheet
99Kb / 3P
9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
BA3641FV ROHM-BA3641FV Datasheet
271Kb / 11P
Recording amplifier with built-in ALC for headphone stereos
BA3662CP-V5 ROHM-BA3662CP-V5 Datasheet
108Kb / 5P
Silicon Monolithic Integrated Circuit
More results

Similar Description - BA36

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73047 POMONA-73047 Datasheet
106Kb / 1P
N Type Jack to UHF Plug Adapter
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
List of Unclassifed Man...
ADT-2594-MM-SMA-02 ETC2-ADT-2594-MM-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
ADT-2595-FF-SMA-02 ETC2-ADT-2595-FF-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
1319505 ETC2-1319505 Datasheet
81Kb / 1P
SMA JACK TO N PLUG ADAPTER
logo
Winchester Electronics ...
110-351-0000N WINCHESTER-110-351-0000N Datasheet
106Kb / 1P
QC-SMAPLUG TO SMA JACK ADAPTER(ROHS)
logo
Adam Technologies, Inc.
RF2-500-10 ADAM-TECH-RF2-500-10 Datasheet
62Kb / 1P
SMA JACK TO SMA JACK
logo
Amphenol Corporation
242174 AMPHENOL-242174 Datasheet
30Kb / 1P
SMA PLUG TO SMC JACK ADAPTOR
logo
Linx Technologies
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com