Electronic Components Datasheet Search
  English  ▼

X  

BA38 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA38
Description  SMA JACK TO BNC PLUG, 50Ω
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA38 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA38 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
1.11
28.2
NOTES:
MATERIAL:
1.
BODY: BRASS.
INSULATORS: PTFE.
CONTACTS: COPPER ALLOY.
FINISH:
2.
BODY: NICKEL PLATE.
CONTACTS: GOLD PLATE OVER NICKEL PLATE.
ELECTRICAL:
3.
VSWR 1.6 MAX UNDER 4 GHZ.
MISCELLANEOUS:
4.
IMPEDANCE: 50Ω.
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION).
SMA JACK
BNC PLUG
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
C
ECO-14604
05/29/2025
KGLEBOVA
DWANG
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
BA38
C
SMA JACK TO BNC PLUG, 50Ω
MCCORMICK
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - BA38

ManufacturerPart #DatasheetDescription
logo
Rohm
BA381 ROHM-BA381 Datasheet
242Kb / 3P
MonolithicICs
logo
List of Unclassifed Man...
BA3812 ETC2-BA3812 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Rohm
BA3812L ROHM-BA3812L Datasheet
90Kb / 6P
5-channel graphic equalizer
BA3814L ROHM-BA3814L Datasheet
242Kb / 3P
MonolithicICs
BA3822FS ROHM-BA3822FS Datasheet
96Kb / 5P
5-channel stereo graphic equalizer
More results

Similar Description - BA38

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD110-351-0000N WINCHESTER-SD110-351-0000N Datasheet
106Kb / 1P
QC-SMA PLUG TO SMA JACK ADAPTER
logo
Amphenol Corporation
CAPH-HDBNCJ-SMAJ AMPHENOL-CAPH-HDBNCJ-SMAJ Datasheet
116Kb / 1P
50 OHM HD BNC JACK TO SMA JACK ADAPTER
logo
List of Unclassifed Man...
ADT-2594-MM-SMA-02 ETC2-ADT-2594-MM-SMA-02 Datasheet
45Kb / 1P
SMA Male Plug to SMA Female Jack
logo
Molex Electronics Ltd.
0733860032 MOLEX11-0733860032 Datasheet
29Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Jack, Tray
logo
Amphenol Corporation
242181 AMPHENOL-242181 Datasheet
44Kb / 1P
SMA JACK TO BNC BULKHEAD JACK ADAPTER
logo
Rosenberger Hochfrequen...
32K151-S00L5 ROSENBERGER-32K151-S00L5 Datasheet
228Kb / 2P
ADAPTOR SMA JACK ??BNC 50 W PLUG
32S151-K00L5 ROSENBERGER-32S151-K00L5 Datasheet
315Kb / 2P
ADAPTOR SMA PLUG ??BNC 50 W JACK
logo
Bel Fuse Inc.
VA229 BEL-VA229 Datasheet
861Kb / 1P
BNC Plug to Euro Jack
logo
Molex Electronics Ltd.
0733860032 MOLEX-0733860032_V01 Datasheet
31Kb / 1P
50 Ohms, RF Adapter BNC Plug to SMA Jack, Tray
logo
Linx Technologies
ADP-SMAF-BNCM LINX-ADP-SMAF-BNCM Datasheet
380Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO BNC PLUG (MALE PIN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com