Electronic Components Datasheet Search
  English  ▼

X  

BA400R Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA400R
Description  RCA JACK TO RCA JACK BULKHEAD ADAPTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA400R Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA400R Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LOCKWASHER
HEX NUT
FLAT AREA
1.3 33
.52 13.1
.50-28 THREAD
2X RCA JACK
.59 15
SEE TABLE FOR
INSULATOR COLOR
.505 12.8
.470 11.9
RECOMMENDED
PANEL OPENING
NOTES:
MATERIAL:
BODY: NICKEL PLATED BRASS
INSULATOR: DELRIN
CONNECTOR IS NOT ISOLATED
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA400
D
BA400.SLDDRW
1
1
C.MCCORMICK
11/20/2001
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
D.PARHAM
R.CARRICK
11/20/2001
11/20/2001
11/20/01
A
B
RELEASED TO PRODUCTION
ECN 1906; CREATED ADDITIONAL PART NUMBERS
11/10/04
MCCORMICK
MCCORMICK
C
ECN 2182 1.3" DIM WAS 1.02"
08/18/05
MCCORMICK
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
D
ECN 3129: UPDATE DWG FORMAT
12/20/07
D.GRIFFIN
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
RCA JACK TO RCA JACK
BULKHEAD ADAPTOR
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA400R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA400 L-COM-BA400 Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA4000 L-COM-BA4000 Datasheet
113Kb / 1P
ADAPTER TNC-M/TNC-F
BA400A L-COM-BA400A Datasheet
125Kb / 1P
RCA BULKHEAD FEED THRU
11/20/01
BA400B L-COM-BA400B Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
BA400G L-COM-BA400G Datasheet
159Kb / 1P
RCA JACK TO RCA JACK BULKHEAD ADAPTOR
11/20/2001
More results

Similar Description - BA400R

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6878 POMONA-6878 Datasheet
80Kb / 1P
쩌??Plug (mono) / RCA Jack, 쩌??Jack (mono) / RCA Plug
6880 POMONA-6880 Datasheet
90Kb / 1P
RCA Jack, RCA Plug
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
Adam Technologies, Inc.
RCA-1-1-X-G ADAM-TECH-RCA-1-1-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-1-X-X-G ADAM-TECH-RCA-1-X-X-G Datasheet
93Kb / 1P
RCA JACK GOLD PLATED
RCA-2-X-X ADAM-TECH-RCA-2-X-X Datasheet
103Kb / 1P
RCA JACK RIGHT ANGLE
RCA-10-4-BRGY ADAM-TECH-RCA-10-4-BRGY Datasheet
81Kb / 1P
RCA JACK 4 PORTS
RCA-11-4-BRGYWR ADAM-TECH-RCA-11-4-BRGYWR Datasheet
85Kb / 1P
RCA JACK 6 PORTS
RCA-22-1-W-C3 ADAM-TECH-RCA-22-1-W-C3 Datasheet
111Kb / 1P
RCA JACK SINGLE PORT
logo
CUI INC
RCJ-21XX CUI-RCJ-21XX Datasheet
159Kb / 3P
RCA JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com