Electronic Components Datasheet Search
  English  ▼

X  

BA470 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA470
Description  ADAPTER RA MINI UHF-F/MINI UHF-M
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA470 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA470 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.80
20.2
.85
21.5
MINI UHF
FEMALE
CONNECTOR
MINI UHF MALE
CONNECTOR
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHM
FREQUENCY RANGE: DC ~ 2.5 GHz
VOLTAGE RATING: 335 VOLTS PEAK
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CONTACTS
BRASS
GOLD PLATE
INSULATOR
ACETAL
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA470
A
BA470.SLDDRW
1
1
D.PARHAM
12/16/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
12/16/10
12/22/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER RA MINI UHF-F/MINI UHF-M
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
12/16/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BA470

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA476 L-COM-BA476 Datasheet
124Kb / 1P
ADAPTER MINI UHF-F/MINI UHF-F
12/16/10
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
104Kb / 4P
RF PIN Diodes - Single in DO-35
05-Aug-10
BA479G VISHAY-BA479G Datasheet
81Kb / 3P
RF PIN Diodes - Single in DO-35 (DO-204AH)
07-Mar-2022
BA479G VISHAY-BA479G_10 Datasheet
104Kb / 4P
RF PIN Diodes - Single in DO-35
05-Aug-10
BA479G VISHAY-BA479G_V01 Datasheet
81Kb / 3P
RF PIN Diodes - Single in DO-35 (DO-204AH)
07-Mar-2022
More results

Similar Description - BA470

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9064 PASTERNACK-PE9064 Datasheet
251Kb / 3P
N Male to Mini UHF Female Adapter
PE9183 PASTERNACK-PE9183 Datasheet
244Kb / 3P
N Female to Mini UHF Male Adapter
PE9342 PASTERNACK-PE9342 Datasheet
233Kb / 2P
Mini UHF Male to BNC Female Adapter
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9344 PASTERNACK-PE9344 Datasheet
250Kb / 3P
UHF Female to Mini UHF Male Adapter
PE9345 PASTERNACK-PE9345 Datasheet
245Kb / 2P
TNC Male to Mini UHF Female Adapter
PE9347 PASTERNACK-PE9347 Datasheet
243Kb / 2P
Mini UHF Male to Mini UHF Female Right Angle Adapter
PE9348 PASTERNACK-PE9348 Datasheet
253Kb / 3P
UHF Male to Mini UHF Female Adapter
PE9705 PASTERNACK-PE9705 Datasheet
242Kb / 2P
Mini UHF Male to FME Plug Adapter
PE91447 PASTERNACK-PE91447 Datasheet
623Kb / 3P
UHF Female to Mini UHF Male Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com