Electronic Components Datasheet Search
  English  ▼

X  

BA80E Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA80E
Description  ADAPTOR BNC F/BNC F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA80E Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA80E Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.28 32.5
2X BNC JACK
NOTES:
MATERIAL:
BODY - NICKEL PLATED BRASS
CENTER CONTACT - BRASS
INSULATION - ACETAL
FINISH AND APPEARANCE MAY VARY.
.43 11
RoHS Compliant 
COAXIAL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA80E
C
BA80E.SLDDRW
1
1
D.PARHAM
05/04/01
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
T.CLARK
05/04/01
05/04/01
A
B
RELEASED FOR PRODUCTION
ECN 3131: UPDATE DWG FORMAT
12/28/07
MCCORMICK
D.GRIFFIN
C
ECN 3221: CHANGED BODY MATERIAL FROM ZINC ALLOY TO BRASS
3/10/08
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTOR BNC F/BNC F
PROJECTION
UNLESS OTHERWISE SPECIFIED,
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / - 0
>12 [305] - 60 [1524] = +2 [51] / -0
>60 [1524] - 120 [3048] = +4 [102] / -0
>120[3048] - 300[7620] = +6 [152] / -0
>300[7620] = +5% / -0%
REF
MCCORMICK
COLOR VARIATIONS
MAY OCCUR
05/02/01
ALL OTHER DIMENSIONAL TOLERANCES:
.X = .3
.XX = .15


Similar Part No. - BA80E

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA80 L-COM-BA80 Datasheet
44Kb / 1P
ADAPTER BNC F/BNC F, 50 OHM
05/02/01
BA8005 L-COM-BA8005 Datasheet
94Kb / 1P
BNC PLUG TO FME PLUG
3/28/02
BA8016 L-COM-BA8016 Datasheet
72Kb / 1P
BNC TO FME ADAPTOR
3/27/02
logo
Rohm
BA80BC0FP ROHM-BA80BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0FP ROHM-BA80BC0FP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
More results

Similar Description - BA80E

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
6735 POMONA-6735 Datasheet
175Kb / 1P
BNC (M), BNC (F) Panel
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
logo
Winchester Electronics ...
SD759-9 WINCHESTER-SD759-9 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, PRESSUIRIZED, BNC-BNC
SD2029-15-9 WINCHESTER-SD2029-15-9 Datasheet
48Kb / 1P
ADPT, F-F, 75 BNC-75 BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-20 WINCHESTER-SDKC-99-20 Datasheet
36Kb / 1P
ADAPTER, BNC TEE, F-F-F
SDKC-99-40 WINCHESTER-SDKC-99-40 Datasheet
66Kb / 1P
ADAPTER, F-F, BULKHEAD, ISOLATED GROUND, BNC-BNC
SDKC-99-54 WINCHESTER-SDKC-99-54 Datasheet
69Kb / 1P
ADAPTER, F-F, BULKHEAD ISOLATED GROUND, BNC-BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com