Electronic Components Datasheet Search
  English  ▼

X  

BA90 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA90
Description  ADAPTER RCA M/BNC F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA90 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA90 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONO (RCA)
PLUG
BNC JACK
50 OHM
1.34
34.0
26.7
1.05
.55
14.0
3/14/2001
A
B
C
D
COLOR VARIATIONS
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
UNLESS OTHERWISE SPECIFIED,
8
BA90
C
BA90.SLDDRW
11
3/13/2001
REVISIONS
DESCRIPTION
APPROVED
REV
TOM CLARK
DATE
RON CARRICK
A
4/1/15
3/14/01
B
DFP
ECN 3134: UPDATE DWG FORMAT
RELEASED FOR PRODUCTION. TRANSFERRED FROM MAC (ECN 0875)
C
ECN 7890: UPDATED FORMAT, PACKAGING, ROHS
3/12/2001
DIMENSIONS ARE IN INCHES [mm]
D. DESJARDIN
CATEGORY
PRODUCT DESCRIPTION
D.GRIFFIN
43321
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
ADAPTER RCA M/BNC F
12/31/07
COAXIAL
PROJECTION
REF
MAY OCCUR
DOUG PARHAM
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL
CONTACT
BRASS
NICKEL
DIELECTRIC
ACETAL
---
C
NOTES:
ADAPTER SHALL BE TESTED FOR CONTINUITY.
1.
ADAPTER SHALL BE INDIVIDUALLY PACKAGED IN
2.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
REGULATORY COMPLIANCE:
CE2011/65/EU(RoHS DIRECTIVE)
C


Similar Part No. - BA90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
Power Electronics, Softstarter with softstop ministart
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
Monitoring technique
BA904012003AC230V50HZ ETC2-BA904012003AC230V50HZ Datasheet
153Kb / 2P
Monitoring technique
BA904012003AC230V60HZ ETC2-BA904012003AC230V60HZ Datasheet
153Kb / 2P
Monitoring technique
More results

Similar Description - BA90

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
7269 POMONA-7269 Datasheet
164Kb / 1P
XLR/RCA Adapters, F/M, M/M, F/F, M/F
6882 POMONA-6882 Datasheet
76Kb / 1P
RCA (F/M/F) Adapter
6779 POMONA-6779 Datasheet
192Kb / 1P
BNC(m)/F(f), BNC(f)/F(f), BNC(f)/F(m), BNC(m)/F(m)
logo
Vitesse Semiconductor C...
SD799-1 VITESSE-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
logo
Winchester Electronics ...
SD799-1 WINCHESTER-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKC-99-35 WINCHESTER-SDKC-99-35 Datasheet
55Kb / 1P
ADAPTER, M-F, ANG, BNC
1079-2 WINCHESTER-1079-2 Datasheet
68Kb / 1P
ADAPTER BNC (F) TO K-LOC (M)
7410-1 WINCHESTER-7410-1 Datasheet
42Kb / 1P
ADAPTER, M-F, PATCH-BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com