Electronic Components Datasheet Search
  English  ▼

X  

SC7486 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC7486
Description  SMA Female Connector Solder Cup Terminal Solder Attachment 2 Hole Flange
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC7486 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC7486 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC7486 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC7486 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.0 Page 1 of 3
Copyright © 2016
SMA female 2 hole flange mount connector with solder cup terminal, part number
SC7486, from Fairview Microwave is in-stock and ships same day. This SMA
female connector operates up to a maximum frequency of 18 GHz and offers
excellent VSWR of 1.23:1. Fairview’s SC7486 2 hole flange SMA connector enables
designers to make external connections on product enclosures, and can be used
in a variety of other rack mount and panel mount applications.
Fairview’s SMA female 2 hole flange connector SC7486 datasheet specifications
and outline drawing are shown in this PDF below. Our extensive offering of RF,
microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. From providing an I/O
for a board design to creating a custom cable assembly configuration, Fairview
Microwave has a connector solution to meet your needs. Fairview Microwave also
has the expertise to build your custom cable assemblies for you and ship them
same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
VSWR
1.23:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.567 in [14.4 mm]
Width/Dia.
0.625 in [15.88 mm]
Height
0.223 in [5.66 mm]
.
Weight
0.0055 lbs [2.49 g]
.
Material Specifications
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
50 µin minimum
.
Insulation
PTFE
.
Outer Conductor
Stainless Steel
Gold
3 µin minimum
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
SC7486
DATA SHEET
SMA Female Connector Solder Cup Terminal Solder
Attachment 2 Hole Flange
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 2 Hole Flange
Features:
• Operating Frequency
of 18 GHz Max.
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium
Copper Contact
• 50 µin minimum contact plating
Applications:
• General Purpose Test
• Rack and Panel Mount
Applications


Similar Part No. - SC7486

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7485 FAIRVIEW-SC7485 Datasheet
341Kb / 1P
SMA PANEL MOUNT SOLDER POT
REV A
More results

Similar Description - SC7486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4867 PASTERNACK-PE4867 Datasheet
254Kb / 3P
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE4527 PASTERNACK-PE4527 Datasheet
293Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44610 PASTERNACK-PE44610 Datasheet
215Kb / 3P
QN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE45067 PASTERNACK-PE45067 Datasheet
345Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Terminal
PE45139 PASTERNACK-PE45139 Datasheet
332Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com