Electronic Components Datasheet Search
  English  ▼

X  

SI9243EY Datasheet(PDF) 1 Page - TEMIC Semiconductors

Part # SI9243EY
Description  Single-Ended Bus Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

SI9243EY Datasheet(HTML) 1 Page - TEMIC Semiconductors

  SI9243EY Datasheet HTML 1Page - TEMIC Semiconductors SI9243EY Datasheet HTML 2Page - TEMIC Semiconductors SI9243EY Datasheet HTML 3Page - TEMIC Semiconductors SI9243EY Datasheet HTML 4Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si9243EY
Siliconix
S-49720—Rev. E, 27-Sep-96
4-1
Single-Ended Bus Transceiver
Features
D Single-Ended Transceiver
D Survives Shorts and Transients on Automotive Bus
D Wide Power Supply Voltage Range
D Fault Detection
D ISO 9141 Compatible
Description
The Si9243EY is a monolithic bus transceiver designed to
provide bidirectional serial communication in automotive
diagnostic applications.
The device incorporates protection against overvoltages
and short circuits to GND or VB. The transceiver pin is
protected and can be driven beyond the VBAT voltage.
The Si9243EY contains temperature and short circuit
fault detection circuits. In the transmit mode, load shorts
and opens are generally detected by the processor
monitoring RXK and TX. When the two mirror each other
there is no fault, but the Si9243EY will turn off the K
output in the event of over temperature or short circuit to
VBAT to protect the IC. The fault will be reset when TX
toggles “high.”
TX is set “high” for receive only.
The RX output is capable of driving CMOS or
1
LSTTL load.
The Si9243EY is built on the Siliconix BiC/DMOS
process.
This process supports bipolar transistors,
CMOS, and DMOS. An epitaxial layer prevents latchup.
The Si9243EY is available in a 8-pin SO package and
operates over the automotive temperature range (–40 to
125
_C).
Pin Configuration and Functional Block Diagram
TX
RXL
K
L
+
-
L
+
-
K
+
-
VBAT/2
K
Logic Circuitry
(See State Diagram and Truth Table)
VB
VDD
GND
RXK
VDD
1
2
3
4
5
6
7
8
Order Number:
Si9243EY
Top View
Narrow Body
RXL
RXK
TX
VBAT
K
GND
SO Package
VDD
L
Updates to this data sheet may be obtained via facsimile by calling Siliconix FaxBack, 1-408-970-5600. Please request FaxBack document #70017.
Application Note AN602 may also be obtained via FaxBack, request document #70573.


Similar Part No. - SI9243EY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9243 VISHAY-SI9243 Datasheet
161Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243A VISHAY-SI9243A Datasheet
51Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
SI9243A VISHAY-SI9243A Datasheet
146Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243A VISHAY-SI9243A Datasheet
159Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243AEY VISHAY-SI9243AEY Datasheet
51Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
More results

Similar Description - SI9243EY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6812B ATMEL-U6812B Datasheet
119Kb / 10P
Single-ended Bus Transceiver with Triple Buffer
logo
Vishay Siliconix
SI9243A VISHAY-SI9243A Datasheet
51Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
SI9241AEY VISHAY-SI9241AEY_01 Datasheet
44Kb / 5P
Single-Ended Bus Transceiver
22-Jan-01
SI9241A VISHAY-SI9241A Datasheet
147Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243A VISHAY-SI9243A_11 Datasheet
146Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241 VISHAY-SI9241 Datasheet
135Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243 VISHAY-SI9243 Datasheet
161Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241A VISHAY-SI9241A_V01 Datasheet
133Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9243 VISHAY-SI9243_V01 Datasheet
159Kb / 7P
Single-Ended Bus Transceiver
16-May-11
SI9241EY VISHAY-SI9241EY Datasheet
37Kb / 4P
Single-Ended Bus Transceiver
27-Sep-96
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com