Electronic Components Datasheet Search
  English  ▼

X  

34232 Datasheet(PDF) 1 Page - MENDA

Part # 34232
Description  CONDUCTIVE C-TYPE CONNECTOR COVERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MENDA [MENDA]
Direct Link  https://menda.descoindustries.com/
Logo MENDA - MENDA

34232 Datasheet(HTML) 1 Page - MENDA

  34232 Datasheet HTML 1Page - MENDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2024 DESCO INDUSTRIES INC
Employee Owned
3651 WALNUT AVENUE, CHINO, CA 91710
PHONE: (909) 627-2453
WEBSITE: MENDATools.com
DATE:
April
2024
DRAWING NUMBER
34205
CONDUCTIVE C-TYPE CONNECTOR COVERS
Made in the
United States of America
Chemical Susceptibility*
Reactions
Dilute Acids
Slight Attack
Dilute Alkalines
Slight Attack
Concentrated Acids
Slight Attack
Concentrated Alkalines
Slight Attack
Methanol, Ethanol, Isopropanol
Resistant
Hydrocarbons
Slight Attack
Ketones
Slight Attack
Oil and Gasoline
Slight Attack
Item No.
Size
“A”
“B”
“C”
“D”
Packaged 100/ pack; 10 packs/case
34205
10R
0.84"
0.5"
0.605" 0.665"
34206
10Y
0.75"
0.625" 0.53"
0.595"
34207
12R
0.97"
0.5"
0.72"
0.755"
34208
12Y
0.86"
0.625" 0.655" 0.715"
34209
14R
1.125"
0.5"
0.85"
0.905"
34210
14Y
1.031"
0.625" 0.785" 0.845"
34211
16R
1.22"
0.5"
0.973" 1.035"
34212
16Y
1.125"
0.625" 0.893" 0.963"
34213
18R
1.33"
0.562" 1.093" 1.155"
34214
18Y
1.25"
0.625" 1.03"
1.088"
34215
19R
1.4"
0.562" 1.125" 1.213"
34229
4R
0.67"
0.5"
0.25"
0.336"
34230
5R
0.67"
0.5"
0.313" 0.399"
34231
6R
0.67"
0.5"
0.375" 0.461"
34232
8R
0.74"
0.5"
0.48"
0.54"
34233
8Y
0.67"
0.625" 0.413" 0.483"
34234
9R
0.75"
0.5"
0.5"
0.586"
Item No.
Size
“A”
“B”
“C”
“D”
Packaged 50/pack; 10 packs/case
34216
20R
1.465" 0.562" 1.231" 1.301"
34217
20Y
1.406" 0.625" 1.15"
1.215"
34218
22R
1.59"
0.562" 1.34"
1.41"
34219
22Y
1.5"
0.625" 1.27"
1.34"
34220
24R
1.7"
0.562" 1.463" 1.533"
34221
24Y
1.64"
0.625" 1.39"
1.46"
34222
25Y
1.81"
0.625" 1.54"
1.58"
34223
28R
1.95"
0.562" 1.715" 1.79"
34224
28Y
1.875" 0.625" 1.645" 1.718"
Conductive C-Type Connector Cover Features:
Conductive Composite
Permanently volume conductive and free of carbon black
particulate. The connector covers do not leave black marks and
are more suited to clean situations. Meets the requirements of
NASM5501 31/32.
Noncorrosive
Connector covers are noncorrosive and produce no visible
corrosion when tested to Federal Test Method 101C using
Kovar test plates.
Conformability
The polyethylene material used in the covers was selected for
its resilience. Properly sized, the covers provide a snug, secure
fit. This helps keep connectors clean and prevents the cover
from accidentally falling off.
Specifications and procedures subject to change without notice.
“It should be understood that any object, item, material or person could be a source of static electricity in the work
environment. Removal of unnecessary nonconductors, replacing nonconductive materials with dissipative or conductive
materials and grounding all conductors are the principle methods of controlling static electricity in the workplace,
regardless of the activity.” [ESD Handbook ESD TR20.20; section 2.4 Sources of Static Electricity]
Tolerances:
"A": ± .031"
"B": ± .031"
"C": ± .010"
"D": ± .010"
Item No.
Size
“A”
“B”
“C”
“D”
Packaged 25/pack; 10 packs/case
34225
32R
2.22"
0.562" 1.965" 2.04"
34226
32Y
2.125" 0.625" 1.89"
1.97"
34227
36R
2.435" 0.6"
2.215" 2.29"
34228
36Y
2.34"
0.625" 2.14"
2.21"
“A”
“B”
“C” “D”
*ASTM F925
Material Properties
Test Method
Typical Value
Resistivity
ASTM D991
<105 ohms
Contact Corrosivity
FTM 101C
Method 3005
(Kovar plate)
Pass
Elongation
ASTM D638
24%
Tensile
ASTM D638
2700 psi
Vicat Softening
ASTM MD
1525
85° C
Outgassing
ASTM E595
Pass
Silicone
Silicone free
Maximum Temp.
Exposure
180° F


Similar Part No. - 34232

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
3423 KIA-3423 Datasheet
126Kb / 6P
-2.0A竊?20V P-CHANNEL MOSFET
logo
Heyco.
3423 HEYCO-3423 Datasheet
106Kb / 1P
Beaded Ties
logo
Everlight Electronics C...
3423SURD EVERLIGHT-3423SURD Datasheet
132Kb / 6P
5.0mm Cylindrical Type LED Lamps
2005/7/15
3423SURD/S530-A3 EVERLIGHT-3423SURD/S530-A3 Datasheet
132Kb / 6P
5.0mm Cylindrical Type LED Lamps
2005/7/15
More results

Similar Description - 34232

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
logo
CONEC Elektronische Bau...
12K1A239 CONEC-12K1A239 Datasheet
90Kb / 1P
FEMALE CONNECTOR TYPE C
logo
3M Electronics
4270-25Y 3M-4270-25Y Datasheet
84Kb / 2P
4270 Series Electrically Conductive Connector Covers
logo
List of Unclassifed Man...
103-60014 ETC2-103-60014 Datasheet
166Kb / 2P
Type C Male connector
logo
Copal Electronics
JCL_SERIES COPAL-JCL_SERIES Datasheet
91Kb / 3P
CONDUCTIVE PLASTIC RECTILINEAR TYPE
logo
DDK Ltd.
DSB-RE24-H1A DDK-DSB-RE24-H1A Datasheet
346Kb / 3P
USB Type-C Connector
logo
PHOENIX CONTACT
1419183 PHOENIX-1419183 Datasheet
46Kb / 2P
Protective covers - VS-V1-C-PC-POBK
logo
Hirose Electric
CX90B1-24P HIROSE-CX90B1-24P Datasheet
1Mb / 25P
USB Type-C Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com