Electronic Components Datasheet Search
  English  ▼

X  

SN74AS885 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS885
Description  8-BIT MAGNITUDE COMPARATORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS885 Datasheet(HTML) 5 Page - Texas Instruments

  SN74AS885 Datasheet HTML 1Page - Texas Instruments SN74AS885 Datasheet HTML 2Page - Texas Instruments SN74AS885 Datasheet HTML 3Page - Texas Instruments SN74AS885 Datasheet HTML 4Page - Texas Instruments SN74AS885 Datasheet HTML 5Page - Texas Instruments SN74AS885 Datasheet HTML 6Page - Texas Instruments SN74AS885 Datasheet HTML 7Page - Texas Instruments SN74AS885 Datasheet HTML 8Page - Texas Instruments SN74AS885 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54AS885, SN74AS885
8-BIT MAGNITUDE COMPARATORS
SDAS236A – DECEMBER 1982 – REVISED JANUARY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX
UNIT
(INPUT)
(OUTPUT)
SN54AS885
SN74AS885
MIN
TYP†
MAX
MIN
TYP†
MAX
tPLH
L/A
P < QOUT,
2
8.5
14
1
8.5
13
ns
tPHL
L/A
Q,
P > QOUT
2
7.5
14
1
7.5
13
ns
tPLH
P < QIN,
P < QOUT,
2
5
10
1
5
8
ns
tPHL
,
P > QIN
Q,
P > QOUT
2
5.5
10
1
5.5
8
ns
tPLH
Any P or Q
P < QOUT,
2
13.5
21
1
13.5
17.5
ns
tPHL
y
data input
Q,
P > QOUT
2
10
17
1
10
15
ns
† All typical values are at VCC = 5 V, TA = 25°C.
APPLICATION INFORMATION
The
′AS885 can be cascaded to compare words longer than eight bits. Figure 1 shows the comparison of two 32-bit
words; however, the design is expandable to n bits. Figure 1 shows the optimum cascading arrangement for
comparing words of 32 bits or greater. Typical delay times shown are at VCC = 5 V, TA = 25°C and use the standard
advanced Schottky load of RL = 500 Ω, CL = 50 pF.
Figure 2 shows the fastest cascading arrangement for comparing 16-bit or 24-bit words. Typical delay times shown
are at VCC = 5 V, TA = 25°C and use the standard advanced Schottky load of RL = 500 Ω, CL= 50 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com