Electronic Components Datasheet Search
  English  ▼

X  

BA3002 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA3002
Description  ADAPTER, BNC-M/TNC-F RA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA3002 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA3002 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.57
14.4
RoHS Compliant 
7/16-28 UNEF-2A
1.08
27.4
.93
23.5
B
NOTES:
ELECTRICAL:
B
VOLTAGE RATING: 500 VOLTS PEAK
FREQUENCY RANGE: DC ~ 4 GHz
IMPEDANCE: 50 OHM
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
INSULATOR
ACETAL
-
CONTACTS
BRASS
GOLD PLATE
MAY OCCUR
8/6/07
A
B
C
R.POLUBINSKI
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA3002
B
BA3002.SLDDRW
11
J.ROBERTS
8/16/07
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
12/17/10
8/6/07
A
B
INITIAL RELEASE
ECN 5218: CREATE MODEL, NEW DRAWING FORMAT
12/17/10
R.POLUBINSKI
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
43321
ADAPTER, BNC-M/TNC-F RA
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BA3002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA3000 L-COM-BA3000 Datasheet
48Kb / 1P
ADAPTER, SMA-F/MMCX-F
8/16/07
BA3001 L-COM-BA3001 Datasheet
193Kb / 1P
BNC JACK TO TNC PLUG ADAPTER
08/16/07
More results

Similar Description - BA3002

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
SD799-1 VITESSE-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
logo
Winchester Electronics ...
SD759-6 WINCHESTER-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC, F-F
SD799-1 WINCHESTER-SD799-1 Datasheet
64Kb / 1P
ADAPTER C(M)-BNC(F)
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
7410-1 WINCHESTER-7410-1 Datasheet
42Kb / 1P
ADAPTER, M-F, PATCH-BNC
KA-91-11 WINCHESTER-KA-91-11 Datasheet
42Kb / 1P
ADPT, M-F, TNC-BNC
KA-91-15 WINCHESTER-KA-91-15 Datasheet
48Kb / 1P
ADAPTER, ANGLE TNC M-F
KA-91-18 WINCHESTER-KA-91-18 Datasheet
43Kb / 1P
ADPT, M-F, TNC-BNC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com