Electronic Components Datasheet Search
  English  ▼

X  

BA590 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA590
Description  ADAPTER SMA-F/TNC-F
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA590 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA590 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.88
22.4
.50
12.7
RoHS Compliant 
SMA FEMALE
CONNECTOR
TNC FEMALE
CONNECTOR
NOTES:
ELECTRICAL:
IMPEDANCE: 50 OHMS
FREQUENCY RANGE: DC ~ 6 GHz
VOLTAGE RATING: 500 VOLTS PEAK
MISCELLANEOUS:
ALL DIMENSIONS ARE FOR REFERENCE ONLY.
COMPONENT SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM SPECIFICATION PS-0031.
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
NICKEL PLATE
CONTACTS
BRASS
GOLD PLATE
INSULATOR
ACETAL
-
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA590
A
BA590.SLDDRW
1
1
D.PARHAM
12/16/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
K.BURGNER
12/16/10
12/22/10
A
INITIAL RELEASE
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADAPTER SMA-F/TNC-F
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D.FRISIELLO
COLOR VARIATIONS
MAY OCCUR
12/16/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - BA590

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5901K ROHM-BA5901K Datasheet
247Kb / 24P
4 CH DRIVE POWER CONTROLLER
More results

Similar Description - BA590

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD129-23-9 WINCHESTER-SD129-23-9 Datasheet
92Kb / 1P
ADAPTER F-F PANEL TNC
logo
Vitesse Semiconductor C...
SD759-6 VITESSE-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC,F-F
logo
Winchester Electronics ...
SD879-7-15 WINCHESTER-SD879-7-15 Datasheet
56Kb / 1P
ADAPTER TNC (F) TO SMA (M)
SD759-6 WINCHESTER-SD759-6 Datasheet
46Kb / 1P
ADAPTER, TNC-BNC, F-F
SDKA-91-04 WINCHESTER-SDKA-91-04 Datasheet
54Kb / 1P
ADAPTER, F-F, PANEL, TNC
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
SDKA-99-24 WINCHESTER-SDKA-99-24 Datasheet
39Kb / 1P
N TO TNC ADAPTER (F-F)
SDKA-99-56 WINCHESTER-SDKA-99-56 Datasheet
49Kb / 1P
TNC F-F BULKHEAD ADAPTER HERM.
SDKA-99-74 WINCHESTER-SDKA-99-74 Datasheet
56Kb / 1P
TNC PANEL ADAPTER (F-F)
KA-99-66 WINCHESTER-KA-99-66 Datasheet
54Kb / 1P
ADAPTER, N-TNC, PANEL, F-F
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com