Electronic Components Datasheet Search
  English  ▼

X  

BA8005 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BA8005
Description  BNC PLUG TO FME PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BA8005 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BA8005 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.03 [26.2]
M8 X .75
NOTES:
MATERIAL:
BODY: BRASS
CENTER PINS: NICKEL
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATED
CENTER PINS: GOLD PLATED
BNC PLUG
NOTE:
1. CHARACTERISTIC IMPEDANCE: 75 OHMS
.38 [9.7]
FME PLUG
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BA8005
B
BA8005.SLDDRW
1
1
TJC
3/28/02
REVISIONS
DESCRIPTION
CHANGED BY
REV
DATE
DFP
CM
3/28/02
3/28/02
3/28/02
A
B
RELEASED FOR PRODUCTION
ECN 3131: UPDATE DWG FORMAT
12/28/07
TJC
D.GRIFFIN
.
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
.
.
.
.
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC PLUG TO FME PLUG
COAXIAL
PROJ
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .01 [.25]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
≤
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%


Similar Part No. - BA8005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA80 L-COM-BA80 Datasheet
44Kb / 1P
ADAPTER BNC F/BNC F, 50 OHM
05/02/01
BA8016 L-COM-BA8016 Datasheet
72Kb / 1P
BNC TO FME ADAPTOR
3/27/02
logo
Rohm
BA80BC0FP ROHM-BA80BC0FP Datasheet
358Kb / 6P
1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA80BC0FP ROHM-BA80BC0FP Datasheet
392Kb / 10P
1A Secondary LDO Regulators for Local Power Supplies
BA80BC0FP-E2 ROHM-BA80BC0FP-E2 Datasheet
512Kb / 19P
1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA8005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9696 PASTERNACK-PE9696 Datasheet
239Kb / 2P
FME Plug to FME Plug Adapter
PE9697 PASTERNACK-PE9697 Datasheet
72Kb / 1P
FME PLUG TO BNC MALE
PE9698 PASTERNACK-PE9698 Datasheet
74Kb / 1P
FME PLUG TO BNC MALE RIGHT ANGLE
PE35953 PASTERNACK-PE35953 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG58C/U FME PLUG TO FME PLUG
PE35955 PASTERNACK-PE35955 Datasheet
267Kb / 1P
CABLE ASSEMBLY RG142B/U FME PLUG TO FME PLUG
PE35962 PASTERNACK-PE35962 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG142B/U, FME PLUG TO BNC MALE
PE38719 PASTERNACK-PE38719 Datasheet
136Kb / 1P
CABLE ASSEMBLY, PE-C195, FME PLUG TO FME PLUG
PE35957 PASTERNACK-PE35957 Datasheet
266Kb / 1P
CABLE ASSEMBLY, RG174A/U, FME PLUG TO FME PLUG
PE35959 PASTERNACK-PE35959 Datasheet
268Kb / 1P
CABLE ASSEMBLY, RG58C/U, FME PLUG TO BNC MALE
PE35964 PASTERNACK-PE35964 Datasheet
116Kb / 1P
CABLE ASSEMBLY, RG174A/U. FME PLUG TO BNC MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com